Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M255 Datasheet(PDF) 2 Page - Enercon Technologies Europe AG

Part # M255
Description  HOLD-UP POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERCON [Enercon Technologies Europe AG]
Direct Link  https://enercon-europe.com/
Logo ENERCON - Enercon Technologies Europe AG

M255 Datasheet(HTML) 2 Page - Enercon Technologies Europe AG

  M255 Datasheet HTML 1Page - Enercon Technologies Europe AG M255 Datasheet HTML 2Page - Enercon Technologies Europe AG M255 Datasheet HTML 3Page - Enercon Technologies Europe AG M255 Datasheet HTML 4Page - Enercon Technologies Europe AG M255 Datasheet HTML 5Page - Enercon Technologies Europe AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
M255 SERIES HOLD-UP POWER SUPPLY
Date: June 9, 2021
Rev (g)
Page 2 of 5
Applications
Military, Ruggedized, Telecom, Industrial
Special Features
• Miniature size
• High efficiency
• Wide input range
• Fixed switching frequency
• External Synchronization (250  10 kHz)
• EMI filters included
• Indication for Input failure and Hold-Up
activation
• External capacitor required.
• Operates together with MPS standard modules.
Please consult factory for specific applications.
• More than 990 W·msec per 1 mF capacitance
Environmental Conditions
Meets or exceeds MIL-STD-810C
Temperature:
Operating: –55 C to +85 C (baseplate)
Storage:
–55 C to +125 C
Vibration level:
Up to 9 grms. For higher vibration levels -
please consult factory.
Reliability
150,000 hours, calculated per
MIL-STD-217F at +85 C baseplate,
Ground Fixed.
Electrical Specifications
DC INPUT
DC Input range: 18 to 48 VDC
Input transient protection:
All models meet or exceed (no damage)
MIL-STD-1275A (100 V for 50 ms) and
MIL-STD-704A, MIL-STD-704D (80 V
for 0.1 Sec)
Steady State input current:
< 50 mA
EMC:
Designed to meet* MIL-STD-461C:
CE01, CE03, CS06, CS01, RE02, RS02, RS03
Isolation:
200V between Input and Case 200V
between Output and Case
DC OUTPUT
Normal input voltage range:
According to the external capacitor
Output current capacity:
12 A max.
Consult factory if higher current required.
Isolation:
Output to Case: 200 VDC
* Compliance achieved when tested with shielded cable and static resistive load.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com