Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISCD7010 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISCD7010
Description  SiC Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCD7010 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISCD7010 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCD7010 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISCD7010
eq NXPSC10650X
SiC Diode
www.iscsemi.com
1
DESCRIPTION
· High forward surge capability IFSM
· Extremely fast reverse recovery time
· Reduced losses
APPLICATIONS
· Switch Mode Power Supply (SMPS)
· Uninterruptible Power Supply (UPS)
· Motor Drives
· LED / OLED TV
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Recurrent Peak Reverse Voltage
650
V
IFAV
Average Forward Rectified Current
10
A
TJ
Junction Temperature
-55~175
℃
Tstg
Storage Temperature Range
-55~175
℃
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VF
Diode Forward Voltage
IF= 10A,TJ= 25℃
-
1.5
1.7
V
IF= 10A,TJ= 150℃
-
1.8
2.1
Qr
recovered charge
IF = 10 A; VR = 400 V
dIF/dt = 500A/µs;TJ= 25℃
-
15
-
nC


Similar Part No. - ISCD7010

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCD7011 ISC-ISCD7011 Datasheet
270Kb / 2P
SiC Diode
ISCD7014 ISC-ISCD7014 Datasheet
311Kb / 3P
Silicon Carbide Schottky Diode
ISCD7015 ISC-ISCD7015 Datasheet
307Kb / 3P
Silicon Carbide Schottky Diode
ISCD7016 ISC-ISCD7016 Datasheet
423Kb / 3P
Silicon Carbide Schottky Diode
ISCD7018 ISC-ISCD7018 Datasheet
250Kb / 3P
Silicon Carbide Schottky Diode
More results

Similar Description - ISCD7010

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML10SIC03NJC SEME-LAB-SML10SIC03NJC Datasheet
194Kb / 2P
SiC SCHOTTKY DIODE
SML05SC06D3A SEME-LAB-SML05SC06D3A Datasheet
358Kb / 6P
SiC SCHOTTKY DIODE
logo
Sanken electric
FMCA-11065 SANKEN-FMCA-11065 Datasheet
200Kb / 5P
SiC Schottky Diode
logo
Inchange Semiconductor ...
STPSC20H065CW ISC-STPSC20H065CW Datasheet
400Kb / 2P
SiC Schottky Diode
logo
BASIC SEMICONDUCTOR
B1D02065K BASICSEMI-B1D02065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.2
B1D02120E BASICSEMI-B1D02120E Datasheet
2Mb / 7P
SiC Schottky Diode
Rev. 1.2
B1D02120K BASICSEMI-B1D02120K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.1
B1D03120E BASICSEMI-B1D03120E Datasheet
588Kb / 7P
SiC Schottky Diode
Rev. 0.1
B1D05120E BASICSEMI-B1D05120E Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 0.2
B1D08065E BASICSEMI-B1D08065E Datasheet
2Mb / 7P
SiC Schottky Diode
Rev. 2.2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com