Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT24C02A Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT24C02A
Description  Two-wire Automotive Temperature Serial EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C02A Datasheet(HTML) 1 Page - ATMEL Corporation

  AT24C02A Datasheet HTML 1Page - ATMEL Corporation AT24C02A Datasheet HTML 2Page - ATMEL Corporation AT24C02A Datasheet HTML 3Page - ATMEL Corporation AT24C02A Datasheet HTML 4Page - ATMEL Corporation AT24C02A Datasheet HTML 5Page - ATMEL Corporation AT24C02A Datasheet HTML 6Page - ATMEL Corporation AT24C02A Datasheet HTML 7Page - ATMEL Corporation AT24C02A Datasheet HTML 8Page - ATMEL Corporation AT24C02A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Features
Write Protect Pin for Hardware Data Protection
– Utilizes Different Array Protection Compared to the AT24C02A/04A
Standard-voltage Operation
– 2.7 (VCC = 2.7V to 5.5V)
Internally Organized 256 x 8 (2K), 512 x 8 (4K)
Two-wire Serial Interface
Schmitt Trigger, Filtered Inputs for Noise Suppression
Bidirectional Data Transfer Protocol
400 kHz Clock Rate
8-byte Page (2K), 16-byte Page (4K) Write Modes
Partial Page Writes Allowed
Self-timed Write Cycle (5 ms Max)
High Reliability
– Endurance: One Million Write Cycles
– Data Retention: 100 Years
Lead-Free/Halogen-Free Devices Available
8-lead JEDEC SOIC and 8-lead TSSOP Packages
Description
The AT24C02A/04A provides 2048/4096 bits of serial electrically erasable and pro-
grammable read-only memory (EEPROM) organized as 256/512 words of 8 bits each.
The device is optimized for use in many automotive applications where low-power and
low-voltage operation are essential. The AT24C02A/04A is available in space-saving
8-lead JEDEC SOIC and 8-lead TSSOP packages and is accessed via a two-wire
serial interface. In addition, the entire family is available in 2.7V (2.7V to 5.5V) version.
Two-wire
Automotive
Temperature
Serial
EEPROM
2K (256 x 8)
4K (512 x 8)
AT24C02A
AT24C04A
5083C–SEEPR–1/07
Table 1. Pin Configurations
Pin Name
Function
A0–A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
NC
No-connect
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead SOIC
8-lead TSSOP


Similar Part No. - AT24C02A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02A ATMEL-AT24C02A Datasheet
182Kb / 13P
2-Wire Serial EEPROM
AT24C02A ATMEL-AT24C02A Datasheet
523Kb / 20P
Two-wire Serial EEPROM Extended Temperature
AT24C02A-10PC ATMEL-AT24C02A-10PC Datasheet
182Kb / 13P
2-Wire Serial EEPROM
AT24C02A-10PC-1.8 ATMEL-AT24C02A-10PC-1.8 Datasheet
182Kb / 13P
2-Wire Serial EEPROM
AT24C02A-10PC-2.5 ATMEL-AT24C02A-10PC-2.5 Datasheet
182Kb / 13P
2-Wire Serial EEPROM
More results

Similar Description - AT24C02A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C04A ATMEL-AT24C04A Datasheet
523Kb / 20P
Two-wire Serial EEPROM Extended Temperature
AT24C01A ATMEL-AT24C01A_04 Datasheet
300Kb / 19P
Two-wire Automotive Serial EEPROM
AT24C01A ATMEL-AT24C01A_07 Datasheet
495Kb / 20P
Two-wire Automotive Temperature Serial EEPROM
AT24C11 ATMEL-AT24C11 Datasheet
392Kb / 14P
Two-wire Automotive Temperature Serial EEPROM
AT24C32A ATMEL-AT24C32A_05 Datasheet
281Kb / 17P
Two-wire Automotive Serial EEPROM
AT24C02B_0701 ATMEL-AT24C02B_0701 Datasheet
512Kb / 17P
Two-wire Automotive Temperature Serial EEPROM
AT24HC02B_0701 ATMEL-AT24HC02B_0701 Datasheet
504Kb / 16P
Two-wire Automotive Temperature Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_09 Datasheet
399Kb / 17P
Two-wire Automotive Temperature Serial EEPROM
AT24C01B ATMEL-AT24C01B_09 Datasheet
493Kb / 20P
Two-wire Automotive Temperature Serial EEPROM
AT24C01B ATMEL-AT24C01B_14 Datasheet
723Kb / 18P
2-Wire Automotive Temperature Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com