Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1707124 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1707124
Description  GMKDSN 1,5/11-7,62 - PCB terminal block
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1707124 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1707124 Datasheet HTML 1Page - PHOENIX CONTACT 1707124 Datasheet HTML 2Page - PHOENIX CONTACT 1707124 Datasheet HTML 3Page - PHOENIX CONTACT 1707124 Datasheet HTML 4Page - PHOENIX CONTACT 1707124 Datasheet HTML 5Page - PHOENIX CONTACT 1707124 Datasheet HTML 6Page - PHOENIX CONTACT 1707124 Datasheet HTML 7Page - PHOENIX CONTACT 1707124 Datasheet HTML 8Page - PHOENIX CONTACT 1707124 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Dimensional drawing
Pitch
7.62 mm
Width [w]
83.82 mm
Height [h]
13.5 mm
Length [l]
8.1 mm
Installed height
10 mm
Solder pin length [P]
3.5 mm
Pin dimensions
0.5 x 1 mm
PCB design
Hole diameter
1.3 mm
Mechanical tests
Test for conductor damage and slackening
Specification
IEC 60999-1:1999-11
Result
Test passed
Pull-out test
Specification
IEC 60999-1:1999-11
0.14 mm² / solid / > 10 N
0.14 mm² / flexible / > 10 N
1.5 mm² / solid / > 40 N
Conductor cross section/conductor type/tractive force
setpoint/actual value
1.5 mm² / flexible / > 40 N
Electrical tests
Temperature-rise test
Specification
IEC 60947-7-4:2019-01
Requirement temperature-rise test
The sum of ambient temperature and temperature rise of the
PCB terminal block shall not exceed the upper limiting
temperature.
Short-time withstand current
Specification
IEC 60947-7-4:2019-01
Insulation resistance
Specification
IEC 60512-3-1:2002-02
Insulation resistance, neighboring positions
> 5 MΩ
Air clearances and creepage distances |
Specification
IEC 60947-1:2007-06 + A1:2010-12 + A2:2014-09
Insulating material group
I
GMKDSN 1,5/11-7,62 - PCB terminal block
1707124
https://www.phoenixcontact.com/us/products/1707124
Mar 11, 2024, 5:58 AM
Page 4 (11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com