Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCK2000M Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCK2000M
Description  CK97 66/100MHz Mobile System Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2000M Datasheet(HTML) 5 Page - NXP Semiconductors

  PCK2000M Datasheet HTML 1Page - NXP Semiconductors PCK2000M Datasheet HTML 2Page - NXP Semiconductors PCK2000M Datasheet HTML 3Page - NXP Semiconductors PCK2000M Datasheet HTML 4Page - NXP Semiconductors PCK2000M Datasheet HTML 5Page - NXP Semiconductors PCK2000M Datasheet HTML 6Page - NXP Semiconductors PCK2000M Datasheet HTML 7Page - NXP Semiconductors PCK2000M Datasheet HTML 8Page - NXP Semiconductors PCK2000M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
PCK2000M
CK97 (66/100MHz) Mobile System Clock Generator
1998 Sep 29
5
ABSOLUTE MAXIMUM RATINGS1, 2
In accordance with the Absolute Maximum Rating System (IEC 134)
Voltages are referenced to VSS (VSS = 0V)
SYMBOL
PARAMETER
CONDITION
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITION
MIN
MAX
UNIT
VDD3
DC 3.3V core supply voltage
–0.5
+4.6
V
VDDQ3
DC 3.3V I/O supply voltage
–0.5
+4.6
V
VDDQ2
DC 2.5V I/O supply voltage
–0.5
+3.6
V
IIK
DC input diode current
VI < 0
–50
mA
VI
DC input voltage
Note 2
–0.5
5.5
V
IOK
DC output diode current
VO > VCC or VO < 0
±50
mA
VO
DC output voltage
Note 2
–0.5
VCC + 0.5
V
IO
DC output source or sink current
VO >= 0 to VCC
±50
mA
TSTG
Storage temperature range
–65
+150
°C
PTOT
Power dissipation per package
plastic medium-shrink (SSOP)
For temperature range: –40 to +125
°C
above +55
°C derate linearly with 11.3mW/K
850
mW
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VDD3
DC 3.3V core supply voltage
Note 1
3.135
3.465
V
VDDQ3
DC 3.3V I/O supply voltage
Note 2
3.135
3.465
V
VDDQ2
DC 2.5V I/O supply voltage
Note 3
2.135
2.625
V
VI
DC input voltage range
0
VDD3
V
VO
DC output voltage range
0
VDDQ2
VDDQ3
V
Tamb
Operating ambient temperature range in free air
0
+70
°C
NOTES:
1. VDD3 = VDDCORE1 = VDDCORE2 = 3.3V
2. VDDQ3 = VDDREF = VDDPCI0 = 3.3V
3. VDDQ2 = VDDCPU0 = VDDCPU1 = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com