Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCK2002M Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCK2002M
Description  0-300 MHz I2C 1:10 clock buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2002M Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCK2002M Datasheet HTML 4Page - NXP Semiconductors PCK2002M Datasheet HTML 5Page - NXP Semiconductors PCK2002M Datasheet HTML 6Page - NXP Semiconductors PCK2002M Datasheet HTML 7Page - NXP Semiconductors PCK2002M Datasheet HTML 8Page - NXP Semiconductors PCK2002M Datasheet HTML 9Page - NXP Semiconductors PCK2002M Datasheet HTML 10Page - NXP Semiconductors PCK2002M Datasheet HTML 11Page - NXP Semiconductors PCK2002M Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Philips Semiconductors
Product data
PCK2002M
0–300 MHz I2C 1:10 clock buffer
2001 Jul 19
10
SSOP28:
plastic shrink small outline package; 28 leads; body width 5.3 mm
SOT341-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com