Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMMT4124 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FMMT4124
Description  SOT23 NPN SILICON PLANAR SWITCHING TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMT4124 Datasheet(HTML) 1 Page - Zetex Semiconductors

  FMMT4124 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT23 NPN SILICON PLANAR
SWITCHING TRANSISTOR
ISSUE 2 – MARCH 94
7
PARTMARKING DETAIL –
ZC
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
5V
Continuous Collector Current
IC
200
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL MIN.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
30
V
IC=10µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
25
V
IC=1mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
5V
IE=10µA
Collector Cut-Off Current
ICBO
50
nA
VCB=20V
Emitter Cut-Off Current
IEBO
50
nA
VEB=3V
Collector-Emitter
Saturation Voltage
VCE(sat)
0.3
V
IC=50mA, IB=5mA*
Base-Emitter
SaturationVoltage
VBE(sat)
0.95
V
IC=50mA, IB=5mA*
Static Forward
Current Transfer Ratio
hFE
120
60
360
IC=2mA, VCE=1V*
IC=50mA, VCE=1V*
Transistion Frequency
fT
300
MHz
IC=10mA, VCE=20V, f=100MHz
Output Capacitance
Cobo
4pF
VCB=5V, IE=0, f=140KHz
Input Capacitance
Cibo
8pF
VBE=0.5V, IE=0, f=140KHz
Noise Figure
N
6
dB
IC=200µA, VCE=5V, Rg=2kΩ
f=30Hz to 15KHz at 3dB points
Small Signal Current
Transfer
hfe
120
480
IC=2mA, VCE=1V, f=1KHz
SWITCHING CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL
TYP.
UNIT
CONDITIONS
Delay Time
td
24
ns
VCC=3V, VBE(off)=0.5V
IC=10mA, IB1=1mA
Rise Time
tr
13
ns
Storage Time
ts
125
ns
VCC=3V, IC=10mA
IB1=IB2=1mA
Fall Time
tf
11
ns
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
FMMT4124
C
B
E


Similar Part No. - FMMT4124

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
FMMT4124 JIANGSU-FMMT4124 Datasheet
407Kb / 3P
TRANSISTOR竊?NPN 竊
logo
Guangdong Kexin Industr...
FMMT4124 KEXIN-FMMT4124 Datasheet
37Kb / 2P
Switching Transistors
logo
Rectron Semiconductor
FMMT4124 RECTRON-FMMT4124 Datasheet
297Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
logo
Shenzhen Jin Yu Semicon...
FMMT4124 HTSEMI-FMMT4124 Datasheet
392Kb / 1P
TRANSISTOR (NPN)
logo
Galaxy Semi-Conductor H...
FMMT4124 BILIN-FMMT4124 Datasheet
169Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
More results

Similar Description - FMMT4124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMMT2222 ETC-FMMT2222 Datasheet
42Kb / 2P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Zetex Semiconductors
FMMT2907 ZETEX-FMMT2907 Datasheet
41Kb / 2P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTOR
FMMT3903 ZETEX-FMMT3903 Datasheet
46Kb / 2P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
List of Unclassifed Man...
FMMT4123 ETC-FMMT4123 Datasheet
27Kb / 1P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTOR
logo
Zetex Semiconductors
FMMT4126 ZETEX-FMMT4126 Datasheet
36Kb / 1P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTOR
BSS79B ZETEX-BSS79B Datasheet
29Kb / 1P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTOR
FMMT2222 ZETEX-FMMT2222 Datasheet
45Kb / 2P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
FMMT4123 ZETEX-FMMT4123 Datasheet
30Kb / 1P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTOR
logo
Diodes Incorporated
FMMT2222 DIODES-FMMT2222 Datasheet
46Kb / 2P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
FEBRUARY 1996
FMMT2222ATA DIODES-FMMT2222ATA Datasheet
46Kb / 2P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
FEBRUARY 1996
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com