Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

00772425 Datasheet(PDF) 29 Page - Christian Bürkert GmbH & Co. KG

Part # 00772425
Description  Bürkert System Bus
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

00772425 Datasheet(HTML) 29 Page - Christian Bürkert GmbH & Co. KG

Back Button 00772425 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 26Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 27Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 28Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 29Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 30Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 31Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 32Page - Christian Bürkert GmbH & Co. KG 00772425 Datasheet HTML 33Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
Type büS
büS network shielding
29
11.5
Network with none shield connected devices
Not recommended to have “None” shield connected devices only. Network shield would be floating at all
and this is equal to unshielded.
When using devices without an internally connected shield, take care that one end of büS shield must be
connected directly to FE. Either a direct or RC shield connection can be used at the other shield end. The
devices of the shielding type "None" are located in between with minimal stitches (e.g. with T-piece).
▪ For this, use either devices at the ends of network.
Device 3
(None)
Device 4
(RC)
Device 2
(None)
Device 1
(Direct)
Fig. 31: büS network with devices without internal shield connection (shielding "None")
▪ Or connect cable shield directly to FE on both ends (example).
Device 3
(None)
Device 4
(None)
Device 2
(None)
Device 1
(None)
Equipotential, clean FE area
Fig. 32: büS network with devices without internal shield connection (shielding "None")



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com