Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MF-27WXC Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # MF-27WXC
Description  2.5Gbps SFP TRANSCEIVER MODULE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF-27WXC Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  MF-27WXC Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF-27WXC Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF-27WXC Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF-27WXC Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF-27WXC Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF-27WXC Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF-27WXC Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF-27WXC Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF-27WXC Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
UQ9-06-009
Ed:1.0
Date:10.Oct.2006
Page 5 of 15
MITSUBISHI (OPTICAL DEVICES)
MF-27WXC Series
2.5Gbps SFP TRANSCEIVER MODULE
note 3: Jitter Generation (ITU-T G.783 compliant)
Receiver
Parameter
Min.
Max.
Unit
Wavelength
1270
1620
nm
Sensitivity BOL
(3.3V, 25degC, BER=1E-10)
-
-19
dBm
Sensitivity EOL (BER=1E-10)
-
-18
dBm
Overload BOL (3.3V, 25degC)
+1
-
dBm
Overload EOL
0
-
dBm
RX_LOS Assert Level
-30
-
dBm
RX_LOS De-assert Level
-
-20
dBm
RX_LOS Hysteresis
0.3
4.0
dB
CID Penalty (note 1)
-
1.0
dB
Jitter Tolerance, Transfer
ITU-T G.783 Compliant (with reference CDR)
-
Maximum reflectance of receiver at R
-
-27
dB
note 1: Penalty between PRBS 2E23-1 and Consecutive Identical Digits according to ITU-T G957
Jitter Analyzer
SFP Rx
SFP Tx
Opt.
ATT
Opt.
ATT
RxD+
RxD-
TxD-
TxD+
Optical Input Power
=Overload BOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com