Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

3003 Datasheet(PDF) 8 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  2/2 way Flanged Ball Valve in stainless steel, 2 pieces, DN 15…DN 200
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 8 Page - Christian Bürkert GmbH & Co. KG

Back Button 3003 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Type 2651
Flange
8 | 12
Visit product website 
3.3. ANSI/ASME B16.5 Class 150
Note:
Dimensions in mm
R
L1
L2
L1
DN 15...DN 100
DN 125...DN 200
DN
L1
L2
H1
H2
H3
R
ISO
5211
U
Flange
Drillings
Weight
Article no.
[mm]
[Quantity]
[kg]
15
108
41.5
50
11
92
180
F05
11
4
2
772173 
20
117
48.5
53.5
11
92.5
180
F05
11
4
2.5
772174 
25
127
54
58.5
14
100.5
180
F05
14
4
3.4
772175 
32
140
67
71
14
113
180
F05
14
4
4.7
772176 
40
165
84
76
17
122.5
300
F07
17
4
7.2
772177 
50
178
90
83.5
17
130
300
F07
17
4
10
772178 
65
190.5
92.5
95
17
141.5
300
F07
17
4
14.7
772179 
80
203
94.2
113
22
194.5
400
F10
22
4
20.4
772180 
100
229
114.5
131
22
212.5
400
F10
22
4
31.3
772181 
125
325
–
151.5
22
–
700
F10
22
8
52
293774 
150
394
–
217
37
–
700
F14
36
8
74
293775 
200
457
–
252
37
–
700
F14
36
8
100
293776 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com