Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

3003 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  Ball valve for hygienic applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 3003 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Type 2654
Hygienic
6 | 11
Visit product website 
4.
Dimensions
4.1. ISO 1127/ISO 4200 variant
Note:
Dimensions in mm
L2
L1
ISO 5211
E
D
H
I
I
D
C
C
I
D
DN8…DN65
DN80…DN100
Nominal
diameter
A
B
C
D
E
H
I
L1
L2
Ø D
S
V
ISO 5211
Article no.
[mm]
Manually
operated
Bare shaft 1.)
8
40
9
47
88
125 64.5
23.5
100
23
13.5
1.6
9
F03/F04
773810 
773799 
10
40
9
47
88
125 64.5
23.5
100
23
17.2
1.6
9
F03/F04
773811 
773800 
15
40
9
47
88
125 64.5
23.5
100
25
21.3
1.6
9
F03/F04
773812 
773801 
20
44
9
53.5
95
125 68
27
105
25
26.9
1.6
9
F03/F04
773813 
773802 
25
52
12 60.5
123
189 93
30
115
25
33.7
2
11
F04/F05
773814 
773803 
32
58
12 71
133
189 97.5
35.5
140
33
42.4
2
11
F04/F05
773815 
773804 
40
68
12 81.5
147
221 106.5 40.5
150
33
48.3
2
14
F05/F07
773816 
773805 
50
77
16 100
167
221 117
50
170
33
60.3
2
14
F05/F07
773817 
773806 
65
98
19 127
218
302 154.5 63.5
220
40
76.1
2
17
F07/F10
773818 
773807 
80
110 19 188
250
302 166.5 83.5
300
65
88.9
2.3
17
F07/F10
773819 
773808 
100
138 24 221
317
350 219.5 97.5
325
65
114.3 2.3
22
F10
773820 
773809 
1.) The ball valves with bare shaft are suitable for automated operation with pneumatic or electric rotary actuators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com