Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

33880 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33880
Description  Configurable Octal Serial Switch with Serial Peripheral Interface I/O
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33880 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33880 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Document Number: MC33880
Rev. 5.0, 6/2007
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2007. All rights reserved.
Configurable Octal Serial Switch
with Serial Peripheral Interface
I/O
The 33880 device is an eight-output hardware-configurable high-
side/low-side switch with 8-bit serial input control. Two of the outputs
can be controlled directly via microcontroller for Pulse Width
Modulation (PWM) applications.
The 33880 controls various inductive or incandescent loads by
directly interfacing with a microcontroller.
The circuit's innovative monitoring and protection features include
very low standby currents, “cascadable” fault reporting, internal 40 V
output clamping for low-side configurations, internal -20 V output
clamping for high-side configurations, output-specific diagnostics, and
independent shutdown of outputs.
Features
• Designed to Operate 5.5 V < VPWR < 24.5 V
• 8-Bit SPI for Control and Fault Reporting, 3.3 V/5.0 V Compatible
• Outputs Are Current Limited (0.8 A to 2.0 A) to Drive
Incandescent Lamps
• Output Voltage Clamp Is +45 V (Typical) (Low-Side Drive) and -
20 V (Typical) (High-Side Drive) During Inductive Switching
• Internal Reverse Battery Protection on VPWR
• Loss of Ground or Supply Will Not Energize Loads or Damage IC
• Maximum 5.0
µA I
PWR Standby Current at 13 V VPWR up to 95°C
•RDS(ON) of 0.55 Ω at 25°C Typical
• Short Circuit Detect and Current Limit with Automatic Retry
• Independent Overtemperature Protection
• 32-Pin SOICW Has Pins 8, 9, 24, and 25 Grounded for Thermal
Performance
• Pb-Free Packaging Designated by Suffix Code EG and EW
Figure 1. 33880 Simplified Application Diagram
HIGH/LOW-SIDE SWITCH
DW SUFFIX
EG SUFFIX (PB-FREE)
98ASB42345B
28-PIN SOICW
33880
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33880DW/R2
-40
°C to 125°C
28 SOICW
MCZ33880EG/R2
MC33880DWB/R2
32 SOICW
MCZ33880EW/R2
DWB SUFFIX
EW SUFFIX (PB-FREE)
98ARH99137A
32-PIN SOICW
All Output Switches are High- or Low-Side Configurable
V PWR
33880
SPI I/O
PWM
MCU
MOT
High-Side
H-Bridge
Low-Side
5.0 V
5.0 V
V S
D1
D2
D4
D5
D6
D7
S8
D3
EN
VDD
VPWR
GND
CS
SCLK
DI
DO
IN5
IN6
S1
S2
S4
D8
S5
S6
S7
S3


Similar Part No. - 33880

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33880 FREESCALE-33880 Datasheet
760Kb / 25P
Configurable Octal Serial Switch with Serial Peripheral Interface I/O
33880 FREESCALE-33880 Datasheet
1Mb / 25P
Configurable Octal Serial Switch
33880 FREESCALE-33880 Datasheet
590Kb / 25P
Configurable Octal Serial Switch with Serial Peripheral Interface I/O
33880 FREESCALE-33880_08 Datasheet
760Kb / 25P
Configurable Octal Serial Switch with Serial Peripheral Interface I/O
33880 FREESCALE-33880_09 Datasheet
1Mb / 25P
Configurable Octal Serial Switch
More results

Similar Description - 33880

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33880 MOTOROLA-MC33880 Datasheet
741Kb / 24P
CONFIGURABLE OCTAL SERIAL SWITCH WITH SERIAL PERIPHERAL INTERFACE
MC33291 MOTOROLA-MC33291 Datasheet
633Kb / 24P
Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
MC33298 FREESCALE-MC33298 Datasheet
534Kb / 28P
Eight Output Switch with Serial Peripheral Interface I/O
33291 FREESCALE-33291 Datasheet
558Kb / 26P
Eight-Output Switch with Serial Peripheral Interface I/O
33291L FREESCALE-33291L Datasheet
593Kb / 25P
Eight-Output Switch with Serial Peripheral Interface I/O
33291L FREESCALE-33291L_08 Datasheet
1Mb / 26P
Eight-Output Switch with Serial Peripheral Interface I/O
MC33298 FREESCALE-MC33298_08 Datasheet
643Kb / 28P
Eight Output Switch with Serial Peripheral Interface I/O
33880 FREESCALE-33880_08 Datasheet
760Kb / 25P
Configurable Octal Serial Switch with Serial Peripheral Interface I/O
33880 FREESCALE-33880_12 Datasheet
590Kb / 25P
Configurable Octal Serial Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33298 NXP-MC33298 Datasheet
966Kb / 28P
Eight Output Switch with Serial Peripheral Interface I/O
Rev. 6.0, 4/2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com