Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LOQ976.01 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LOQ976.01
Description  The Chip LED 0603 is the product of choice for status indication in electronics.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOQ976.01 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LOQ976.01 Datasheet HTML 2Page - OSRAM GmbH LOQ976.01 Datasheet HTML 3Page - OSRAM GmbH LOQ976.01 Datasheet HTML 4Page - OSRAM GmbH LOQ976.01 Datasheet HTML 5Page - OSRAM GmbH LOQ976.01 Datasheet HTML 6Page - OSRAM GmbH LOQ976.01 Datasheet HTML 7Page - OSRAM GmbH LOQ976.01 Datasheet HTML 8Page - OSRAM GmbH LOQ976.01 Datasheet HTML 9Page - OSRAM GmbH LOQ976.01 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
LO Q976.01
DATASHEET
DATASHEET
6 | Version 1.1 | 2023-09-14
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity. 1)
Luminous Flux 6)
I
F = 20 mA
I
F = 20 mA
I
F = 20 mA
min.
max.
typ.
I
v
I
v
Φ
V
P2
56 mcd
71 mcd
200 mlm
Q1
71 mcd
90 mcd
260 mlm
Q2
90 mcd
112 mcd
320 mlm
R1
112 mcd
140 mcd
400 mlm
R2
140 mcd
180 mcd
510 mlm
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 20 mA
I
F = 20 mA
min.
max.
V
F
V
F
A8
1.60 V
2.00 V
J8
2.00 V
2.40 V
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
min.
max.
λ
dom
λ
dom
2
600 nm
603 nm
3
603 nm
606 nm
4
606 nm
609 nm
5
609 nm
612 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com