Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LRQ976.01 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LRQ976.01
Description  The Chip LED 0603 is the product of choice for status indication in electronics.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRQ976.01 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LRQ976.01 Datasheet HTML 4Page - OSRAM GmbH LRQ976.01 Datasheet HTML 5Page - OSRAM GmbH LRQ976.01 Datasheet HTML 6Page - OSRAM GmbH LRQ976.01 Datasheet HTML 7Page - OSRAM GmbH LRQ976.01 Datasheet HTML 8Page - OSRAM GmbH LRQ976.01 Datasheet HTML 9Page - OSRAM GmbH LRQ976.01 Datasheet HTML 10Page - OSRAM GmbH LRQ976.01 Datasheet HTML 11Page - OSRAM GmbH LRQ976.01 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
LR Q976.01
DATASHEET
DATASHEET
8 | Version 1.1 | 2023-08-25
Relative Spectral Emission 6)
I
rel = f (λ); IF = 20 mA; TS = 25 °C
LR Q976.01
350
400
450
500
550
600
650
700
750800
λ /nm
0,0
0,2
0,4
0,6
0,8
1,0
Irel
:Vλ
:red
Radiation Characteristics 6)
I
rel = f (ϕ); TS = 25 °C
LR Q976.01
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
0° 10° 20° 30° 40° 50° 60° 70° 80° 90°
ϕ /°
0,0
0,2
0,4
0,6
0,8
1,0
Irel
:0°
: 90°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com