Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS63NBC Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # CS63NBC
Description  13A Switched Fused Spur Unit with Neon - Brushed Chrome
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

CS63NBC Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  CS63NBC Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
CS63NBC
DESCRIPTION
13A Switched Fused Spur Unit with Neon - Brushed Chrome
NET WEIGHT (KG)
0.137
FINISH
Brushed Chrome
DIMENSIONS (MM)
Height - 89
Width - 89
Projection - 10.5
MINIMUM MOUNTING BOX DEPTH
25mm
CONSTRUCTION
Construction - Premium grade steel
IP RATING
IP20
INPUT VOLTAGE
230V 50Hz
SWITCH TYPE
Double Pole
EARTH TERMINAL
Yes
NEON INDICATOR
Yes
LOAD/MAX. LOAD
13A
TERMINAL TYPE
Screw
TERMINAL CAPACITY
3 x 2.5mm² or 2 x 4.0mm²
WARRANTY
25year(s)
MANUFACTURED IN ACCORDANCE WITH
BS 1363-4
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832996491
Date Created: 09/04/2024 01:25
www.mlaccessories.co.uk
CS63NBC
13A Switched Fused Spur Unit with Neon - Brushed
Chrome


Similar Part No. - CS63NBC

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
CS63NAB KNIGHTSBRIDGE-CS63NAB Datasheet
356Kb / 1P
13A Switched Fused Spur Unit with Neon - Antique Brass
09/04/2024
More results

Similar Description - CS63NBC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RIQ0242H2 ETC1-RIQ0242H2 Datasheet
167Kb / 2P
POWERLINE SERIES IEC INLET FILTERS SWITCHED AND FUSED
A23 ETC2-A23 Datasheet
1Mb / 35P
NEON with SIMD and VFPv4 support
logo
PHOENIX CONTACT
102051 PHOENIX-102051 Datasheet
265Kb / 8P
Power Supply Unit, Primary Switched, Narrow Design
102053 PHOENIX-102053 Datasheet
251Kb / 8P
Power Supply Unit, Primary Switched, Narrow Design
logo
Neutrik AG
NMJ4HCD2 NEUTRIK-NMJ4HCD2 Datasheet
180Kb / 3P
1/4" mono jack, switched, with chrome ferrule and straight PCB pins, mounting nut included
NMJ4HC-S NEUTRIK-NMJ4HC-S Datasheet
187Kb / 3P
1/4" mono jack, switched, with chrome ferrule and standard solder lugs, mounting nut included
NMJ6HCD2 NEUTRIK-NMJ6HCD2 Datasheet
168Kb / 3P
1/4" stereo jack, switched, with chrome ferrule and straight PCB pins, mounting nut included
NMJ6HCD3 NEUTRIK-NMJ6HCD3 Datasheet
170Kb / 3P
1/4" stereo jack, switched, with chrome ferrule and offset PCB pins, mounting nut included
NMJ6HC-S NEUTRIK-NMJ6HC-S Datasheet
175Kb / 3P
1/4" stereo jack, switched, with chrome ferrule and standard solder lugs, mounting nut included
logo
PHOENIX CONTACT
100035 PHOENIX-100035 Datasheet
767Kb / 11P
3-Phase Primary-Switched Power Supply Unit
12/2005
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com