Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SCS665D Datasheet(PDF) 4 Page - Goodwork Semiconductor Co., Ltd .

Part # SCS665D
Description  650V/6A SiC Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SCS665D Datasheet(HTML) 4 Page - Goodwork Semiconductor Co., Ltd .

  SCS665D Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SCS665D Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . SCS665D Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . SCS665D Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SCS665D
TO-252
PACKAGE OUTLINE
Package Dimensions
Symbol
Dimensions In Millimeters
Symbol
Dimensions In Millimeters
Min.
NOM.
Max.
Min.
NOM.
Max.
A
2.20
2.30
2.38
L1
2.743 REF
A1
0
--
0.127
L2
0.508 BSC
c
0.46
0.50
0.60
L3
0.89
--
1.27
c2
0.46
0.50
0.58
L5
--
--
--
D1
5.21
--
--
D
6.00
6.10
6.223
E1
4.40
--
--
H
9.40
10.00
10.40
θ
0°
10°
b
0.64
0.76
0.88
E
6.40
6.60
6.731
b2
0.77
0.84
1.14
L
1.40
1.52
1.77
b3
5.21
5.34
5.46
e
2.286 BSC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com