Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SCS865 Datasheet(PDF) 4 Page - Goodwork Semiconductor Co., Ltd .

Part # SCS865
Description  650V/8A SiC Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SCS865 Datasheet(HTML) 4 Page - Goodwork Semiconductor Co., Ltd .

  SCS865 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SCS865 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . SCS865 Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . SCS865 Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SCS865
TO-220A
PACKAGE OUTLINE
Package Dimensions
Symbol
Dimensions In Millimeters
Symbol
Dimensions In Millimeters
Min.
NOM.
Max.
Min.
NOM.
Max.
A
4.24
4.44
4.64
E3
8.70REF.
A1
1.15
1.27
1.40
e
2.54BSC
A2
2.30
2.48
2.70
e1
5.08BSC
b
0.70
0.80
0.90
H1
6.30
6.45
6.60
b1
1.20
1.55
1.75
L
13.47
13.72
13.97
b2
1.20
1.45
1.70
L1
3.60
3.80
4.00
c
0.40
0.50
0.60
ØP
3.75
3.84
3.93
D
14.70
15.37
16.00
Q
2.60
2.80
3.00
D1
8.82
8.92
9.02
Q1
1.73REF.
D2
12.63
12.73
12.83
R
1.82REF.
E
9.96
10.16
10.36
E1
6.86
7.77
8.89



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com