Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BTFS4 Datasheet(PDF) 3 Page - Apex Electronics Co., Ltd

Part # BTFS4
Description  Toggle switch, multiple circuitry, termination, and caps
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

BTFS4 Datasheet(HTML) 3 Page - Apex Electronics Co., Ltd

  BTFS4 Datasheet HTML 1Page - Apex Electronics Co., Ltd BTFS4 Datasheet HTML 2Page - Apex Electronics Co., Ltd BTFS4 Datasheet HTML 3Page - Apex Electronics Co., Ltd BTFS4 Datasheet HTML 4Page - Apex Electronics Co., Ltd BTFS4 Datasheet HTML 5Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
BTF Series
Toggle switch, multiple circuitry, termination, and caps
03
.433
11.00
.225
5.72
Ø
.465
Ø
11.81
.040
1.02
Ø
.314
Ø
7.98
.028
0.71
.039
1.00
.315
8.00
.130
3.3
.354
9.00
FLAT
Ø
.748
Ø
19.00
.060
1.52
.295
7.48
M6x0.75
THD
BA1 SPLASH PROOF
SEALS
M6x0.75 THD
B6 HIGH TORQUE
B9 SPLASH PROOF
.031
0.80
CP-1TEB
M12x1.0
Use with T12 actuators only
BA1 Bear Strength from top of actuator
up to 10kg aside up to 15kg
M6x0.75 THD
1
3
2
6
5
4
M6x0.75 THD
Part No. Shown : BTFS1T1B9M2RES
Part No. Shown : BTFD1T1B9M1QES
.508
12.90
.311
7.90
Ø
.472
Ø
12.00
FLAT
.295
7.48
.606
15.40
.060
1.52
.030
0.75
.043
1.10
.213
5.40
.354
9.00
3
2
1
.295
7.48
.098
2.50
.060
1.52
Ø
.472
Ø
12.00
SPDT
DPDT
FLAT
.413
10.5
FUNCTION SIDE
.492
12.5
.030
0.75
FUNCTION SIDE
.508
12.90
.512
13.00
.354
9.00
.082
2.08
EPOXY FILL
.413
10.5
EPOXY FILL
POLE OPTIONS
O-Ring
supplied with B9 bushing
Ø
.400
Ø
10.20
.053
1.35
BUSHING OPTIONS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com