Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LCR2KDET4F Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # LCR2KDET4F
Description  Round pushbutton switch, optional lamp, UL, VDE certified
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

LCR2KDET4F Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  LCR2KDET4F Datasheet HTML 1Page - Apex Electronics Co., Ltd LCR2KDET4F Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
LCR Series
Round pushbutton switch, optional lamp, UL, VDE certified
01
MATERIALS
SPECIFICATION
HOW TO ORDER
R


Similar Part No. - LCR2KDET4F

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
LCR200 EXTECH-LCR200 Datasheet
227Kb / 1P
Passive Component LCR Meter
logo
List of Unclassifed Man...
LCR2400 ETC2-LCR2400 Datasheet
485Kb / 3P
Line Conditioner - Automatic voltage regulation with surge protection
logo
Tripp Lite. All Rights ...
LCR2400 TRIPPLITE-LCR2400 Datasheet
423Kb / 3P
2400W 120V 3U Rack-Mount Power Conditioner
More results

Similar Description - LCR2KDET4F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RJ11-6N-B ETC1-RJ11-6N-B Datasheet
41Kb / 1P
UL Recognized CSA Certified
ZUS102405 ETC2-ZUS102405 Datasheet
138Kb / 3P
UL recognized, TV approved, CSA certified
ZUS152405 ETC2-ZUS152405 Datasheet
137Kb / 3P
UL recognized, TV approved, CSA certified
ZUS252405 ETC2-ZUS252405 Datasheet
133Kb / 3P
UL recognized, TV approved, CSA certified
ZUW1R50515 ETC2-ZUW1R50515 Datasheet
138Kb / 3P
UL recognized, TV approved, CSA certified
FSBS15CH60L ETC2-FSBS15CH60L Datasheet
559Kb / 16P
UL Certified No.E209204(SPM27-BA package)
BV302S06006 ETC-BV302S06006 Datasheet
127Kb / 6P
UL & VDE CERTIFICATION
logo
CIT Relay & Switch
AHU CIT-AHU Datasheet
308Kb / 6P
UL Approved Illuminated Pushbutton
DH22U CIT-DH22U Datasheet
272Kb / 5P
UL Approved Illuminated Pushbutton
DHU CIT-DHU Datasheet
544Kb / 11P
UL Approved Illuminated Pushbutton
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com