Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RATL Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # RATL
Description  9.2mm diameter, rotary switch, through hole, long-life
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

RATL Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  RATL Datasheet HTML 1Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
01
RATL Series
9.2mm diameter, rotary switch, through hole, long-life
SPECIFICATION
ELECTRICAL RATING : 0.5A 24V DC ; 0.2A 48V DC
CONTACT RESISTANCE : 100m
INSULATION RESISTANCE :
DIELECTRIC STRENGTH : 500V AC for 1 minute
OPERATING FORCE : 350 ± 150 g
OPERATING LIFE : 10,000 cycles
OPERATING TEMPERATURE RANGE : - 20°C ~ 70°C
MATERIAL
HOUSING : NYLON 6/6
BASE : NYLON 4/6
ACTUATOR : POM
TERMINAL : Brass gold plating
DIMENSION
Part No. Shown : RATL-N0C8-0P1A
C
1
2
7
4
Ø
.200
Ø
5.08
P.C.B. LAYOUT
P.C.B. LAYOUT
45°
8-Ø.035
8-Ø0.90
C
1
2
7
4
Ø
.200
Ø
5.08
45°
8-Ø.035
8-Ø0.90
Part No. Shown : RATL-N008-0P1A
MODEL NO.
OPERATING
FORCE
ACTUATOR
PCB TERMINAL
MARK
White (std)
N 350±150gf
0 Black
0
Actuator
PCB Terminal
P1 3.0mm length
P2 2.0mm length
POSITIONS
Positions
Color
Operating force
COLOR
RATL
C8
C7
C6
C5
C4
C3
C2
C1
08
07
06
05
04
03
02
C-C 360°
C-7 315°
C-6 270°
C-5 225°
C-4 180°
C-3 135°
C-2 90°
C-1 45°
1-C 315°
1-7 270°
1-6 225°
1-5 180°
1-4 135°
1-3 90°
1-2 45°
A
HOW TO ORDER
C8
08
Ø
.362
Ø
9.20
.024
0.63
.030
0.76
.027
0.70
.594
15.1
.086
2.20
.118
3.0
.035
0.90
.063
1.20
Ø
.200
Ø
5.08
Ø
.031
Ø
0.80
120°
120°
45°
COMMON
TERMINAL
WHITE
.141
3.60
Ø
.165
Ø
4.20
Ø
.362
Ø
9.20
.024
0.63
.030
0.76
.594
15.1
.086
2.20
.118
3.0
.035
0.90
.063
1.20
Ø
.200
Ø
5.08
Ø
.031
Ø
0.80
120°
120°
45°
COMMON
TERMINAL
WHITE
.141
3.60
.027
0.70
Ø
.165
Ø
4.20
7.8 +0.25
-0.40
7.8 +0.25
-0.40
.307 +.009
-.016
.307 +.009
-.016
90°±1
0.70
7.8


Similar Part No. - RATL

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
RAT APEX-ELECTRONICS-RAT Datasheet
355Kb / 2P
9.2mm diameter, rotary switch, through hole
RAT-002 APEX-ELECTRONICS-RAT-002 Datasheet
355Kb / 2P
9.2mm diameter, rotary switch, through hole
RAT-003 APEX-ELECTRONICS-RAT-003 Datasheet
355Kb / 2P
9.2mm diameter, rotary switch, through hole
RAT-004 APEX-ELECTRONICS-RAT-004 Datasheet
355Kb / 2P
9.2mm diameter, rotary switch, through hole
RAT-005 APEX-ELECTRONICS-RAT-005 Datasheet
355Kb / 2P
9.2mm diameter, rotary switch, through hole
More results

Similar Description - RATL

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
251 CTS-251 Datasheet
68Kb / 2P
Long life, 9mm diameter, composition element, variable resistor
logo
Bourns Electronic Solut...
7829 BOURNS-7829 Datasheet
422Kb / 1P
6 mm Through-hole Sealed Rotary Switch
logo
CTS Corporation
295 CTS-295 Datasheet
581Kb / 2P
Commercial 24mm Diameter Composition Element Long Life Variable Resistor
logo
TOCOSAMERICA, INC.
RVQ12YN TOCOS-RVQ12YN Datasheet
485Kb / 2P
Long Life 12mm Diameter, Single-Turn, Carbon Panel Controls
RVQ12YN3 TOCOS-RVQ12YN3 Datasheet
503Kb / 2P
Long Life 12mm Diameter, Single-Turn, Carbon Panel Controls
RVQ16YN TOCOS-RVQ16YN Datasheet
544Kb / 2P
Long Life 16mm Diameter, Single-Turn, Carbon Panel Controls
RVQ20N2 TOCOS-RVQ20N2 Datasheet
575Kb / 2P
Long Life 20mm Diameter, Single-Turn, Carbon Panel Controls
logo
ALPS ELECTRIC CO.,LTD.
SKTK ALPS-SKTK Datasheet
216Kb / 1P
TACT Switch Long Operating life Type
logo
CTS Corporation
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
Long Life 9mm Carbon Composition Rotary Potentiometer
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com