Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAAS6AM1CES1L6 Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # PAAS6AM1CES1L6
Description  Pushbutton Switches, 1M cycles, optional LED, IP67
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

PAAS6AM1CES1L6 Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  PAAS6AM1CES1L6 Datasheet HTML 1Page - Apex Electronics Co., Ltd PAAS6AM1CES1L6 Datasheet HTML 2Page - Apex Electronics Co., Ltd PAAS6AM1CES1L6 Datasheet HTML 3Page - Apex Electronics Co., Ltd PAAS6AM1CES1L6 Datasheet HTML 4Page - Apex Electronics Co., Ltd PAAS6AM1CES1L6 Datasheet HTML 5Page - Apex Electronics Co., Ltd PAAS6AM1CES1L6 Datasheet HTML 6Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
01
PAA Series
Pushbutton Switches, 1M cycles, optional LED, IP67
HOW TO ORDER
PAAS6 SP Off-Mom.
PAAS7 SP On-Mom.
(Without LED)
S
H
o
R
G
N
I
H
S
U
B
.
O
N
L
E
D
O
M
SOLDERING
TERMINATIONS CONTACT
PLATING
SEAL
CAP
COLOR
ADDITIONAL
HARDWARE
Additional hardware
(See page 5)
LED
LED
COLOR
LED Color
M1
M4
M3
L
Solder Lug
PC thru-hole
(PAS6 only),Non-LED
8.20 Solder Lug
(PAS6 only),Non-LED
Wire
Terminations
C Gold over silver
E EPOXY (std)
Seal
Model NO.
B1
B2
B3
B6
D1
D2
Snap-in
Threaded bushing
Snap-in
Square threaded bushing
(plastic case)
Square threaded bushing
(die-casting)
Threaded bushing
(die-casting)
Bushing
1
3
Red
White
5
6
7
Green
Blue
Yellow
COLOR
ITEM NO
L
S Rohs & Lead Free
Red (Std)
White
Black (Std)
Orange
Green
Blue
Yellow
ITEM NO.
Cap Color
TOTAL TRAVEL: 1.5 mm(.059)
PANEL THICKNESS:
OPERATING FORCE: 2N~5N
MATERIALS
CASE: Diallyl phthalate (DAP)(UL94v-0).
CAP: Polyamide 6/6.
BUSHING: Polyamide 6/6.
CONTACT BOUNCE:10 ms.
MECHANICAL LIFE:1,000,000 cycles.
TORQUE: 0.5 Nm max.applied to nut,
1.5 Nm max. for metal material.
SOLDERING: 350oC max.for 5 seconds.
B1 series : 0.8 mm (.031) min. -1.8 mm (.071) max.
B2 series : 1.5 mm (.059) min. -4 mm (.157) max.
B3 series : 3.0±0.25 mm (.118)
INITIAL CONTACT RESISTANCE:
SPECIFICATION:
INSULATION RESISTANCE:1G min.at 500VDC.
DIELECTRIC STRENGTH: 1,000 VAC rms.
1,500 VAC rms. for metal material.
ELECTRICAL LIFE AT FULL LOAD: 500,000 cycles.
OPERATING TEMPERATURE: -30°C to 85°C.
50m max.
MAX. CURRENT/VOLTAGE RATING WITH RESISTIVE LOAD:
400mA 32VAC-100mA 50VDC-125mA 125VAC
500mA 48VAC - 200 mA 50VDC - 200mA 250VAC for metal material.
RoHS soldering
Contact plating
*
Besides standard color, other colors
need to check stocks available.
If you need bushing plated see page 134.
chromium
Stain-chromium
Stain-nickel plating
A
C
D
Bushing plated
Flat(std.)
Round High
CAP
COLOR
1
2
3
4
5
6
7
A1
A2
A3
A4
A5
A6
A7
G1
G2
G3
G4
G5
G6
G7
*
Please kindly note our standard is with flat cap.
*
only flat cap available with LED.


Similar Part No. - PAAS6AM1CES1L6

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
PAA.M0.2GL.AC39A LEMO-PAA.M0.2GL.AC39A Datasheet
161Kb / 4P
REDEL P - Push-Pull
PAA.M0.2GL.AC39AZ LEMO-PAA.M0.2GL.AC39AZ Datasheet
167Kb / 4P
REDEL P - Push-Pull
PAA.M0.2GL.AC39G LEMO-PAA.M0.2GL.AC39G Datasheet
159Kb / 4P
REDEL P - Push-Pull
PAA.M0.2GL.AC39GZ LEMO-PAA.M0.2GL.AC39GZ Datasheet
166Kb / 4P
REDEL P - Push-Pull
PAA.M0.2GL.AC39J LEMO-PAA.M0.2GL.AC39J Datasheet
160Kb / 4P
REDEL P - Push-Pull
More results

Similar Description - PAAS6AM1CES1L6

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
logo
GREATECS
PB9 GREATECS-PB9 Datasheet
982Kb / 1P
Momentary Pushbutton Switches with LED
PB72 GREATECS-PB72 Datasheet
391Kb / 5P
Illuminated Pushbutton Switches IP40/IP65/IP67
logo
E-SWITCH
700A E-SWITCH-700A Datasheet
570Kb / 3P
PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
PUSHBUTTON SWITCHES
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
Pushbutton Switches
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
Pushbutton Switches
MSP COPAL-MSP Datasheet
607Kb / 1P
Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
Pushbutton Switches
28 Nov 22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com