Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAAS6AM1CES2L6 Datasheet(PDF) 6 Page - Apex Electronics Co., Ltd

Part # PAAS6AM1CES2L6
Description  Pushbutton Switches, 1M cycles, optional LED, IP67
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

PAAS6AM1CES2L6 Datasheet(HTML) 6 Page - Apex Electronics Co., Ltd

  PAAS6AM1CES2L6 Datasheet HTML 1Page - Apex Electronics Co., Ltd PAAS6AM1CES2L6 Datasheet HTML 2Page - Apex Electronics Co., Ltd PAAS6AM1CES2L6 Datasheet HTML 3Page - Apex Electronics Co., Ltd PAAS6AM1CES2L6 Datasheet HTML 4Page - Apex Electronics Co., Ltd PAAS6AM1CES2L6 Datasheet HTML 5Page - Apex Electronics Co., Ltd PAAS6AM1CES2L6 Datasheet HTML 6Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
06
PAA Series
Pushbutton Switches, 1M cycles, optional LED, IP67
IP 67 for the whole series:
Protected against the effects of
immersion up to 1 m water(30mn)
MANUAL SOLDERING: Use soldering iron of 30 watts, controlled
at 350°C approximately 5 seconds while
applying solder.
WAVE SOLDERING:
Recommended Soldering Temperature: 260 ± 5°C
Duration of Solder Immersion: Max 5 sec.
(PCB is 1.6mm in thickness)
SOLDERING PROCESSES
FCP-P003-2
(Black cap)
FCP-P003
(Transparent cap)
.378
9.60
Ø
.748
Ø
19.00
R.260
R6.6
RUBBER - HOOD
L1 Wire length: 500mm
L2 Wire length: 90mm
L3 Wire length: 100mm
Wire,Black(Terminal)
Wire,Green(LED–)
Wire,Black(Terminal)
.500
12.70
19.7±.394
500±10
White cylinder(White)
EPOXY
Multi-wire lead AWG20,section 0.6mm²,UL approved. (Black / Green / Red)
Multi-wire lead AWG20,section 0.6mm²,UL approved. (Black / Green / Red)
Multi-wire lead AWG20,section 0.6mm²,UL approved. (Black / Green / Red)
.138±.04
3.50±1
Heat shrink tube
3.94±.197
100±5
.394
10
Wire,Black(Terminal)
Wire,Black(Terminal)
Heat shrink tube
Wire,Green(LED–)
EPOXY
EPOXY
Ø
.413
Ø
10.50
Wire,Red(LED +)
Wire,Red(LED +)
Wire,Black(Terminal)
Wire,Black(Terminal)
Wire,Green(LED–)
Wire,Red(LED +)
3.54±.197
90±5
.394
10
Note: When the switches with the wire assembly,we only test the electric conduction and will not test the contact resistance on the wire.
WIRE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com