Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB2514 Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB2514
Description  USB 2.0 High-Speed 4-Port Hub Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2514 Datasheet(HTML) 1 Page - SMSC Corporation

  USB2514 Datasheet HTML 1Page - SMSC Corporation USB2514 Datasheet HTML 2Page - SMSC Corporation USB2514 Datasheet HTML 3Page - SMSC Corporation USB2514 Datasheet HTML 4Page - SMSC Corporation USB2514 Datasheet HTML 5Page - SMSC Corporation USB2514 Datasheet HTML 6Page - SMSC Corporation USB2514 Datasheet HTML 7Page - SMSC Corporation USB2514 Datasheet HTML 8Page - SMSC Corporation USB2514 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
SMSC USB2514
DATASHEET
Revision 1.92 (05-08-07)
Datasheet
PRODUCT FEATURES
USB2514
USB 2.0 High-Speed
4-Port Hub Controller
General Description
The SMSC 4-Port Hub is low power, OEM configurable,
MTT (multi transaction translator) hub controller IC with
4 downstream ports for embedded USB solutions. The
4-port hub is fully compliant with the USB 2.0
Specification and will attach to an upstream port as a
Full-Speed Hub or as a Full-/High-Speed Hub. The 4-
Port Hub supports Low-Speed, Full- Speed, and High-
Speed (if operating as a High-Speed Hub) downstream
devices on all of the enabled downstream ports.
General Features
Hub Controller IC with 4 downstream ports
High-performance multiple transaction translator.
MultiTRAK™ Technology Provides one transaction
translator per port
Enhanced OEM configuration options available
through either a single serial i2C EEPROM, or
SMBus Slave Port
36-pin (6x6mm) and 48-Pin (7x7mm) QFN lead-free,
RoHS compliant packages
Footprint compatible with USB2513 and USB2512
(36-pin QFN) to provide designers with flexibility
regarding the quantity of USB expansion ports
utilized without redesign
Hardware Features
Low power operation
Full Power Management with individual or ganged
power control of each downstream port
On-chip Power On Reset (POR)
Internal 1.8V Voltage Regulator
Fully integrated USB termination and Pull-up/Pull-
down resistors
On Board 24MHz Crystal Driver or External
24/48MHz clock input
USB host/device speed indicator. Per-port 3-color
LED drivers that indicate the speed of USB host and
device connection - hi-speed (480 Mbps), full-speed
(12 Mbps), low-speed (1.5 Mbps) (48-pin QFN)
Enhanced EMI rejection and ESD protection
performance
OEM Selectable Features
Customize Vendor ID, Product ID, and Device ID
Select whether the hub is part of a compound device
(When any downstream port is permanently
hardwired to a USB peripheral device, the hub is part
of a compound device)
Flexible port mapping and disable sequence. Ports
can be disabled/reordered in any order to support
multiple product SKUs. Hub will automatically reorder
the remaining ports to match the Host controller's
numbering scheme
Programmable USB differential-pair pin location
Ease PCB layout by aligning USB signal lines directly
to connectors
Programmable USB signal drive strength. Recover
USB signal integrity due to compromised system
environment using 4-level driving strength resolution
Select the presence of a permanently hardwired USB
peripheral device on a port by port basis
Configure the delay time for filtering the over-current
sense inputs
Configure the delay time for turning on downstream
port power
Configure the polarity of downstream port power
control signals
Indicate the maximum current that the 4-port hub
consumes from the USB upstream port
Indicate the maximum current required for the hub
controller
Supports Custom String Descriptor up to 31
characters in length for:
– Product String
– Manufacturer String
– Serial Number String
Pin Selectable Options for Default Configuration
— Select Downstream Ports as Non-Removable Ports
— Select Downstream Ports as Disabled Ports
— Select Downstream Port Power Control and Over-
Current Detection on a Ganged or Individual Basis
— Select Downstream Port Power Control Polarity
— Select USB Signal Drive Strength
— Select USB Differential Pair Pin location
— Select on-chip or off-chip voltage regulator mode
Applications
LCD monitors and TVs
Multi-function USB peripherals
PC mother boards
Set-top boxes, DVD players, DVR/PVR
Printers and scanners
PC media drive bay
Portable hub boxes
Mobile PC docking
Embedded systems


Similar Part No. - USB2514

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2514 SMSC-USB2514 Datasheet
1Mb / 72P
USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2514 MICROCHIP-USB2514 Datasheet
861Kb / 63P
USB 2.0 Hi-Speed Hub Controller
Revision 2.2 02-17-12
USB2514 MICROCHIP-USB2514 Datasheet
887Kb / 57P
USB 2.0 Hi-Speed Hub Controller
07/14/15
USB2514 MICROCHIP-USB2514 Datasheet
1,017Kb / 57P
USB 2.0 Hi-Speed Hub Controller
10-20-15
USB2514 MICROCHIP-USB2514 Datasheet
810Kb / 57P
USB 2.0 Hi-Speed Hub Controller
2010 - 2015
More results

Similar Description - USB2514

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL850 ETC-GL850 Datasheet
382Kb / 40P
USB 2.0 4-PORT HUB Controller
logo
SMSC Corporation
USB2513 SMSC-USB2513 Datasheet
998Kb / 48P
USB 2.0 High-Speed 3-Port Hub Controller
USB2512 SMSC-USB2512 Datasheet
846Kb / 37P
USB 2.0 High-Speed 2-Port Hub Controller
USB2534 SMSC-USB2534 Datasheet
889Kb / 62P
USB 2.0 Hi-Speed 4-Port Hub Controller
logo
Microchip Technology
USB2534 MICROCHIP-USB2534 Datasheet
543Kb / 52P
USB 2.0 Hi-Speed 4-Port Hub Controller
03/25/14
logo
List of Unclassifed Man...
FE1.1 ETC2-FE1.1 Datasheet
205Kb / 2P
USB 2.0 HIGH SPEED 4-PORT HUB CONTROLLER
FE1.1S ETC2-FE1.1S Datasheet
192Kb / 2P
USB 2.0 HIGH SPEED 4-PORT HUB CONTROLLER
FE2.1 ETC2-FE2.1 Datasheet
194Kb / 2P
USB 2.0 HIGH SPEED 7-PORT HUB CONTROLLER
logo
Prolific Technology Inc...
MA8601 PROLIFIC-MA8601 Datasheet
200Kb / 2P
USB 2.0 High Speed 4-port hub controller
MA8608 PROLIFIC-MA8608 Datasheet
270Kb / 2P
USB 2.0 High Speed 4-port hub controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com