Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BHS005R Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BHS005R
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BHS005R Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BHS005R Datasheet HTML 1Page - Balluff Korea Ltd. BHS005R Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Inductive Sensors
BHS B135V-PSD15-S04
Order Code: BHS005R
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 271031
ETIM 6.0: EC002714
BHS005R_0.82_2024-02-13
1 / 2
1) O-Ring with thrust ring
Basic features
Approval/Conformity
CE
UKCA
cULus
WEEE
Electrical connection
Connection
M12x1-Male, 4-pin, A-coded
Protection against device mix-ups
yes
Short-circuit protection
yes
Electrical data
Load capacitance max. at Ue
0.5 µF
No-load current Io max., damped
8 mA
No-load current Io max., undamped
8 mA
Operating voltage Ub
10...30 VDC
Output resistance Ra
33.0 kOhm + 2D
Ready delay tv max.
20 ms
Residual current Ir max.
10 µA
Switching frequency
400 Hz
Voltage drop static max.
2.5 V
Environmental conditions
Ambient temperature
-25...80 °C
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms
EN 60068-2-6, Vibration
55 Hz, amplitude 1 mm, 3x30 min
IP rating
IP68
Functional safety
MTTF (40 °C)
500 a
Interface
Switching output
PNP normally open (NO)
Material
Housing material
Stainless steel
Material sensing surface
Ceramic
Support ring material
PTFE
Mechanical data
Dimension
Ø 12 x 78 mm
Installation
for flush mounting
Mounting part
M12x1
Pressure rating max.
500 bar
Pressure rating, note
oil pressure rated
Sealing ring, size
6.75 × 1.78 mm
Size
M12x1
Tightening torque
15 Nm ±10 %
Range/Distance
Assured operating distance Sa
1.21 mm
Rated operating distance Sn
1.5 mm
Real switching distance sr
1.5 mm
Temperature drift max. (% of Sr)
15 %
n


Similar Part No. - BHS005R

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BHS0050 BALLUFF-BHS0050 Datasheet
94Kb / 2P
Inductive Sensors
2024-02-22
BHS0054 BALLUFF-BHS0054 Datasheet
94Kb / 2P
Inductive Sensors
2024-02-22
BHS0058 BALLUFF-BHS0058 Datasheet
93Kb / 2P
Inductive Sensors
2024-02-22
BHS005U BALLUFF-BHS005U Datasheet
100Kb / 2P
Inductive Sensors
2023-12-20
BHS005Y BALLUFF-BHS005Y Datasheet
99Kb / 2P
Inductive Sensors
2023-12-13
More results

Similar Description - BHS005R

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES05YE BALLUFF-BES05YE Datasheet
117Kb / 2P
Inductive Sensors
BES05YP BALLUFF-BES05YP Datasheet
120Kb / 2P
Inductive Sensors
BES013H BALLUFF-BES013H Datasheet
118Kb / 2P
Inductive Sensors
BES048N BALLUFF-BES048N Datasheet
113Kb / 2P
Inductive Sensors
BES0548 BALLUFF-BES0548 Datasheet
112Kb / 2P
Inductive Sensors
BES00ZK BALLUFF-BES00ZK Datasheet
112Kb / 2P
Inductive Sensors
BES01K9 BALLUFF-BES01K9 Datasheet
112Kb / 2P
Inductive Sensors
BES0447 BALLUFF-BES0447 Datasheet
118Kb / 2P
Inductive Sensors
BES01KF BALLUFF-BES01KF Datasheet
116Kb / 2P
Inductive Sensors
BES01KU BALLUFF-BES01KU Datasheet
104Kb / 2P
Inductive Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com