Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DSP56362 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # DSP56362
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button DSP56362 Datasheet HTML 69Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 70Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 72Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 73Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 74Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 75Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 76Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 152 page
background image
Parallel Host Interface (HDI08) Timing
DSP56362 Technical Data, Rev. 4
Freescale Semiconductor
3-47
333
HCS hold time after data strobe deassertion9
—0.0
ns
334
Address (AD7–AD0) setup time before HAS deassertion
(HMUX=1)
—4.7
ns
335
Address (AD7–AD0) hold time after HAS deassertion (HMUX=1)
3.3
ns
336
A10–A8 (HMUX=1), A2–A0 (HMUX=0), HR/W setup time before
data strobe assertion9
•Read
• Write
0
4.7
ns
337
A10–A8 (HMUX=1), A2–A0 (HMUX=0), HR/W hold time after
data strobe deassertion9
—3.3
ns
338
Delay from read data strobe deassertion to host request
assertion for “Last Data Register” read4, 5, 10
TC
10
ns
339
Delay from write data strobe deassertion to host request
assertion for “Last Data Register” write5, 8, 10
2
× T
C
20
ns
340
Delay from data strobe assertion to host request deassertion for
“Last Data Register” read or write (HROD = 0)5, 9, 10
——
19.1
ns
341
Delay from data strobe assertion to host request deassertion for
“Last Data Register” read or write (HROD = 1, open drain Host
Request)5, 9, 10, 11
300.0
ns
342
Delay from DMA HACK deassertion to HOREQ assertion
• For “Last Data Register” read5
• For “Last Data Register” write5
• For other cases
2
× T
C + 19.1
1.5
× T
C + 19.1
39.1
34.1
0.0
ns
343
Delay from DMA HACK assertion to HOREQ deassertion
•HROD = 05
—20.2
ns
344
Delay from DMA HACK assertion to HOREQ deassertion for
“Last Data Register” read or write
• HROD = 1, open drain Host Request5, 11
300.0
ns
1 See Host Port Usage Considerations in the DSP56362 User Design Manual.
2 In the timing diagrams below, the controls pins are drawn as active low. The pin polarity is programmable.
3 V
CC = 3.3 V ± 0.16 V; TJ = 0°C to +100°C, CL = 50 pF
4 The read data strobe is HRD in the dual data strobe mode and HDS in the single data strobe mode.
5 The “last data register” is the register at address $7, which is the last location to be read or written in data transfers. This is
RXL/TXL in the little endian mode (HBE = 0), or RXH/TXH in the big endian mode (HBE = 1).
6 This timing is applicable only if a read from the “last data register” is followed by a read from the RXL, RXM, or RXH registers
without first polling RXDF or HREQ bits, or waiting for the assertion of the HOREQ signal.
7 This timing is applicable only if two consecutive reads from one of these registers are executed.
Table 3-20 Host Interface (HDI08) Timing1, 2 (continued)
No.
Characteristics3
Expression
100 MHz
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com