Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

56857 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 56857
Description  16-bit Digital Signal Controllers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56857 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 56857 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56857 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56857 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56857 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56857 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56857 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56857 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56857 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56857 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
General Characteristics
56857 Technical Data, Rev. 6
Freescale Semiconductor
21
Part 4 Specifications
4.1 General Characteristics
The 56857 is fabricated in high-density CMOS with 5-volt tolerant TTL-compatible digital inputs. The
term “5-volt tolerant” refers to the capability of an I/O pin, built on a 3.3V compatible process
technology, to withstand a voltage up to 5.5V without damaging the device. Many systems have a
mixture of devices designed for 3.3V and 5V power supplies. In such systems, a bus may carry both 3.3V
and 5V- compatible I/O voltage levels (a standard 3.3V I/O is designed to receive a maximum voltage of
3.3V
± 10% during normal operation without causing damage). This 5V tolerant capability therefore
offers the power savings of 3.3V I/O levels while being able to receive 5V levels without being damaged.
Absolute maximum ratings given in Table 4-1 are stress ratings only, and functional operation at the
maximum is not guaranteed. Stress beyond these ratings may affect device reliability or cause permanent
damage to the device.
The 56857 DC/AC electrical specifications are preliminary and are from design simulations. These
specifications may not be fully tested or guaranteed at this early stage of the product life cycle. Finalized
specifications will be published after complete characterization and device qualifications have been
completed.
CAUTION
This device contains protective circuitry to guard
against damage due to high static voltage or
electrical fields. However, normal precautions are
advised to avoid application of any voltages higher
than maximum rated voltages to this high-impedance
circuit. Reliability of operation is enhanced if unused
inputs are tied to an appropriate voltage level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com