Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MSC004 Datasheet(PDF) 1 Page - Belden Inc.

Part # MSC004
Description  MachFlex™ SERVO Classic 610BCY, 3C1G 6mm² Str BC, PP Ins, OS TC Brd, PVC Jkt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

MSC004 Datasheet(HTML) 1 Page - Belden Inc.

  MSC004 Datasheet HTML 1Page - Belden Inc. MSC004 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: MSC004
MachFlex™ SERVO Classic 610BCY, 3C+1G 6mm² Str BC, PP Ins, OS + TC
Brd, PVC Jkt
Product Description
MachFlex™ SERVO Classic 610BCY, 3 Conductor +1 Ground 6mm² Stranded Bare Copper, PP Insulation, Overall Aluminum Foil Plus Tinned Copper Braid
Shield, PVC Outer Jacket, 1000V Flexible SERVO Motor Supply Cable
Technical Specifications
Product Overview
Suitable Applications:
Designed for connecting frequency converter and motor. Cable applications include heavy industry, chemical industry and paper industry in dry, damp or wet interiors. This type of
cables suitable for plant engineering both of static or flexible use. Double screened power cable for large servo drive systems with high electrical load.
Construction Details
Conductor
Element
No. of Elements
Size
Stranding Stranding Class
Material
Conductor(s) 3
6 mm² Stranded
Class 5
BC - Bare Copper
Ground
1
6 mm² Stranded
Class 5
BC - Bare Copper
Insulation
Element
Material
Color Code
Conductor(s) PP - Polypropylene Brown, Black, Gray
Ground
PP - Polypropylene Yellow/Green
Outer Shield
Shield Type
Material
Coverage
Tape
Bi-Laminate (Alum+Poly) 100%
Braid
Tinned Copper (TC)
70%
Outer Jacket
Material
PVC - Polyvinyl Chloride
Overall Cable Diameter
(Nominal):
14.9 mm (0.587 in)
Electrical Characteristics
Voltage
UL Voltage Rating
Voltage Rating
1000 V (Max. Operating Voltage) 600/1000 V (Max. Operating Voltage), 4000 V (Testing Voltage)
Mechanical Characteristics
Temperature
Operating
Installation
-5°C to +80°C(Occasional movement) -40°C to +80°C(Fixed installation)
Bend Radius
Installation Min.
Flexing Min.
59.6 mm (2.35 in) 223.5 mm (8.799 in)


Similar Part No. - MSC004

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
MSC003 BELDEN-MSC003 Datasheet
158Kb / 2P
MachFlex™ SERVO Classic 610BCY, 3C1G 4mm² Str BC, PP Ins, OS TC Brd, PVC Jkt
07-05-2024
MSC003368100M BELDEN-MSC003368100M Datasheet
158Kb / 2P
MachFlex™ SERVO Classic 610BCY, 3C1G 4mm² Str BC, PP Ins, OS TC Brd, PVC Jkt
07-05-2024
MSC003368200M BELDEN-MSC003368200M Datasheet
158Kb / 2P
MachFlex™ SERVO Classic 610BCY, 3C1G 4mm² Str BC, PP Ins, OS TC Brd, PVC Jkt
07-05-2024
MSC003368300M BELDEN-MSC003368300M Datasheet
158Kb / 2P
MachFlex™ SERVO Classic 610BCY, 3C1G 4mm² Str BC, PP Ins, OS TC Brd, PVC Jkt
07-05-2024
MSC006 BELDEN-MSC006 Datasheet
159Kb / 2P
MachFlex™ SERVO Classic 610BCY, 3C1G 16mm² Str BC, PP Ins, OS TC Brd, PVC Jkt
11-28-2023
More results

Similar Description - MSC004

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7200A BELDEN-7200A Datasheet
236Kb / 3P
MachFlex?? 1 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
7201A BELDEN-7201A Datasheet
238Kb / 3P
MachFlex?? 2 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
7202A BELDEN-7202A Datasheet
241Kb / 3P
MachFlex?? 3 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
7203A BELDEN-7203A Datasheet
248Kb / 3P
MachFlex?? 4 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
1348A BELDEN-1348A Datasheet
256Kb / 2P
CC Link, 3 C #20 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
1349A BELDEN-1349A Datasheet
258Kb / 3P
CC Link, 5 C #1820 Str BC, PVCPO Ins, OSTC Brd, PVC Jkt, PVC Jkt, CM
29502 BELDEN-29502 Datasheet
251Kb / 3P
VFD 300% Gnd, 3CIG #12 Str TC,XLPO InsPVC Gnd, OSTC Brd
123072F BELDEN-123072F Datasheet
188Kb / 2P
Blue Hose®, 1 Pr #18 Str TC, PP Ins, OSTC Brd, PVC Jkt, AIA Armor, PVC Jkt, PLTC
05-05-2023
8643 BELDEN-8643 Datasheet
157Kb / 2P
Electronic, 3 C #30 Str TC, PP Ins, OA TC Brd, PVC Jkt
05-05-2023
9770 BELDEN-9770 Datasheet
195Kb / 2P
Electronic, 3 C #22 Str TC, PP Ins, OS, PVC Jkt, CM
04-19-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com