Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP6126 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6126
Description  High-Voltage, Step Down Controller in TSOT6
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6126 Datasheet(HTML) 5 Page - Sipex Corporation

  SP6126 Datasheet HTML 1Page - Sipex Corporation SP6126 Datasheet HTML 2Page - Sipex Corporation SP6126 Datasheet HTML 3Page - Sipex Corporation SP6126 Datasheet HTML 4Page - Sipex Corporation SP6126 Datasheet HTML 5Page - Sipex Corporation SP6126 Datasheet HTML 6Page - Sipex Corporation SP6126 Datasheet HTML 7Page - Sipex Corporation SP6126 Datasheet HTML 8Page - Sipex Corporation SP6126 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Mar 29-07 RevD
SP6126: TSOT-6 PFET Buck Controller
 2007 Sipex Corporation
5
Loop Compensation Example 1- A converter
utilizing a SP6126 has a 6.8uH inductor and
a 22uF/5m
ceramic capacitor. Determine
whether Type-III compensation is needed.
From equation (2) fESRZERO = 1.45MHz. From
equation (3) fDBPOLE = 13 kHz. Since the
condition specified in (1) is not met, Type-III
compensation has to be used by adding
external components RZ and CZ. Using
equation (4) CZ is calculated 61.2pF (use 62
pF). Following the guideline given in table 1,
a 2k
RZ should be used.
The steps followed in example 1 were used
to compensate the typical application circuit
shown on page 1. Satisfactory frequency
response of the circuit, seen in figure 2,
validates the above procedure.
Loop Compensation Example 2- A converter
utilizing a SP6126 has a 6.8uH inductor and
a
150uF,
82m
Aluminum
Electrolytic
capacitor.
Determine
whether
Type-III
compensation is needed.
From equation (2) fESRZERO = 13kHz. From
equation (3) fDBPOLE
= 5 kHz. Since the
condition specified in (1) is not met, Type-III
compensation has to be used by adding
external components RZ and CZ. Using
equation (4) CZ is calculated 160pF (use
150
pF).
Since
fESRZERO ÷ fDBPOLE is
approximately 3, RZ has to be set at 30k .
Figure 2- Satisfactory frequency response of typical application circuit shown on page
1. Crossover frequency fc is 80kHz with a corresponding phase margin of 65 degrees.
GENERAL OVERVIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com