Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DAN217U Datasheet(PDF) 3 Page - Won-Top Electronics

Part # DAN217U
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

DAN217U Datasheet(HTML) 3 Page - Won-Top Electronics

  DAN217U Datasheet HTML 1Page - Won-Top Electronics DAN217U Datasheet HTML 2Page - Won-Top Electronics DAN217U Datasheet HTML 3Page - Won-Top Electronics DAN217U Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: April, 2012
3
MARKING INFORMATION
RECOMMENDED FOOTPRINT
PACKAGING INFORMATION
Reel Diameter
(mm)
Quantity
(PCS)
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
178
3,000
187 x 187 x 65
15,000
390 x 240 x 420
150,000
10.0
DAN217U
WON-TOP ELECTRONICS
®
A7
= Device Code
A7
inches(mm)
0.035
(0.90)
0.028
(0.70)
0.035
(0.90)
0.075
(1.90)
0.025
(0.64)
178mm
Product ID Label
8mm
Direction of Unreeling
8mm
4mm
1.6mm
Note:
1. Anti-static plastic reel, white, water clear or blue color. Inspection hole might be varied in different alignment.
2. Components are packed in accordance with EIA standard 481-1 and 481-2.
Inspection Hole
TAPE & REEL
4mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com