Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STLD20D-DEF Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLD20D-DEF
Description  White LED power supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD20D-DEF Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLD20D-DEF Datasheet HTML 6Page - STMicroelectronics STLD20D-DEF Datasheet HTML 7Page - STMicroelectronics STLD20D-DEF Datasheet HTML 8Page - STMicroelectronics STLD20D-DEF Datasheet HTML 9Page - STMicroelectronics STLD20D-DEF Datasheet HTML 10Page - STMicroelectronics STLD20D-DEF Datasheet HTML 11Page - STMicroelectronics STLD20D-DEF Datasheet HTML 12Page - STMicroelectronics STLD20D-DEF Datasheet HTML 13Page - STMicroelectronics STLD20D-DEF Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Functional description
STLD20D
10/31
5.6
Over temperature protection (OTP)
An integrated temperature sensor senses the temperature of the junction of the controller.
As soon as this temperature exceeds 110°C min fixed internally, the controller is
automatically turned OFF. When the temperature is reduced of 5°C the operation of the
device automatically recovers.
5.7
Over voltage protection (OVP)
In case of failure and if the LED branch is cut, then there is no signal at the feedback pin FB
(
Figure 3.), the PWM controller will then switches with a maximum duty cycle. This will
generate a voltage at the pin SW and VOUT that can exceed the maximum rating of the
device.
The overvoltage protection block senses the output voltage at the pin VOUT (Figure 3.). If the
voltage exceeds 18.5VDC typical the controller is automatically turned OFF.
When the voltage is reduced of 0.7V, the operation of the device automatically recovers.
5.8
Efficiency
(
Figure 4. & Figure 9.)
The efficiency takes into account these following losses:
RLED ohmic losses
Boost switch SW losses
Load Disconnect Switch LDS
Boost inductor losses
Boost diode losses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com