Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PLHS501 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PLHS501
Description  Programmable macro logic PML
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLHS501 Datasheet(HTML) 2 Page - NXP Semiconductors

  PLHS501 Datasheet HTML 1Page - NXP Semiconductors PLHS501 Datasheet HTML 2Page - NXP Semiconductors PLHS501 Datasheet HTML 3Page - NXP Semiconductors PLHS501 Datasheet HTML 4Page - NXP Semiconductors PLHS501 Datasheet HTML 5Page - NXP Semiconductors PLHS501 Datasheet HTML 6Page - NXP Semiconductors PLHS501 Datasheet HTML 7Page - NXP Semiconductors PLHS501 Datasheet HTML 8Page - NXP Semiconductors PLHS501 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLHS501/PLHS501I
Programmable macro logic
PML
October 22, 1993
2
ORDERING INFORMATION
DESCRIPTION
OPERATING CONDITIONS
ORDER CODE
DRAWING NUMBER
52-Pin Plastic Leaded Chip Carrier
Commercial Temperature Range
±5% Power Supply
PLHS501A
0397E
52-Pin Plastic Leaded Chip Carrier
Industrial Temperature Range
±10% Power Supply
PLHS501IA
0397E
DESIGN DEVELOPMENT TOOLS
SNAP
The SNAP Software Development System
provides the necessary tools for designing
with PML. SNAP provides the following:
Schematic entry netlist generation from
third-party schematic design packages
such as OrCAD/SDT III
and
FutureNet
.
Macro library for standard TTL functions
and user defined functions
Boolean equation entry
State equation entry
Syntax and design entry checking
Simulator includes logic simulation, fault
simulation and timing simulation.
SNAP operates on an IBM
® PC/XT, PC/AT,
PS/2, or any compatible system with DOS
2.1 or higher. The minimum system
configuration for SNAP is 640K bytes of RAM
and a hard disk.
SNAP provides primitive PML function
libraries for third-party schematic design
packages. Custom macro function libraries
can be defined in schematic or equation form.
After the completion of a design, the software
compiles the design for syntax and
completeness. Complete simulation can be
carried out using the different simulation tools
available.
The programming data is generated in
JEDEC format. Using the Device
Programmer Interface (DPI) module of SNAP,
the JEDEC fusemap is sent from the host
computer to the device programmer.
DESIGN SECURITY
The PLHS501 has a programmable security
fuse that controls the access to the data
programmed in the device. By using this
programmable feature, proprietary designs
implemented in the device cannot be copied
or retrieved.
PROGRAMMING/SOFTWARE
SUPPORT
Refer to Section 9
(Development Software)
and Section 10
(Third-party Programmer/
Software Support) of this data handbook for
additional information.
FutureNet is a trademark of FutureNet Corporation.
OrCAD/SDT is a trademark of OrCAD, Inc.
IBM is a registered trademark of International Business Machines Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com