Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MASWSS0028 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASWSS0028
Description  GaAs SP3T 2.5 V Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0028 Datasheet(HTML) 2 Page - Tyco Electronics

  MASWSS0028 Datasheet HTML 1Page - Tyco Electronics MASWSS0028 Datasheet HTML 2Page - Tyco Electronics MASWSS0028 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs SP3T 2.5 V Switch
DC - 3.0 GHz
MASWSS0028
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
Electrical Specifications: TA = 25°C, VC = 0 V / 2.5 V, Z0 = 50 Ω
5
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
6
DC - 1 GHz
1 - 2 GHz
2 - 3 GHz
dB
dB
dB
0.3
0.5
0.75
0.4
0.6
1.0
Isolation
DC - 1 GHz
1 - 2 GHz
2 - 3 GHz
dB
dB
dB
19
13
10
24
18
14
Return Loss
DC - 2.5 GHz
2.5 - 3 GHz
dB
dB
25
20
IP3
Two Tone, +0 dBm/tone, 1 MHz Spacing,
> 50 MHz
dBm
50
P1dB
dBm
21
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
13
Ton, Toff
50% control to 90% RF and 50% control to 10% RF
nS
15
Transients
In Band
mV
30
Control Current
|VC| = 2.5V
µA
1
10
5. External DC blocking capacitors are required on all RF ports.
6. Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 100 pF for 100 - 500 MHz, 39 pF for 0.5 - 3 GHz.
2mm 8-Lead PQFN
Meets JEDEC moisture sensitivity level 1 requirements.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com