Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MASWSS0040 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MASWSS0040
Description  GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0040 Datasheet(HTML) 5 Page - Tyco Electronics

  MASWSS0040 Datasheet HTML 1Page - Tyco Electronics MASWSS0040 Datasheet HTML 2Page - Tyco Electronics MASWSS0040 Datasheet HTML 3Page - Tyco Electronics MASWSS0040 Datasheet HTML 4Page - Tyco Electronics MASWSS0040 Datasheet HTML 5Page - Tyco Electronics MASWSS0040 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
GaAs DPDT Diversity Switch
0.5 - 3.0 GHz
MASWSS0040
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
5
Temp:
+25 C
+25 C
+25 C
-40 C
-40 C
-40 C
+85 C
+85 C
+85 C
Freq GHz)
S11 (dB)
S21 (dB)
S22 (dB)
S11 (dB)
S21 (dB)
S22 (dB)
S11 (dB)
S21 (dB)
S22 (dB)
0.50
-18.6027
-0.4654
-18.5213
-19.3613
-0.4339
-19.1541
-18.0085
-0.5123
-17.9488
0.60
-20.8494
-0.4416
-20.8067
-21.8376
-0.4069
-21.5515
-20.0388
-0.4891
-20.0041
0.70
-23.0914
-0.4450
-23.0463
-24.2872
-0.4045
-24.1074
-22.0202
-0.4913
-21.9549
0.80
-25.3732
-0.4330
-25.2263
-26.9306
-0.3923
-26.9988
-23.9682
-0.4790
-23.7412
0.90
-27.7353
-0.4377
-27.2666
-29.6162
-0.3995
-29.9640
-25.8897
-0.4831
-25.3424
1.00
-30.7638
-0.4448
-29.0320
-33.5275
-0.4100
-32.0794
-28.1240
-0.4859
-26.7539
1.10
-33.5635
-0.2980
-30.1795
-36.4314
-0.3327
-32.5867
-30.0768
-0.4240
-27.8247
1.20
-35.9160
-0.4558
-31.1605
-34.9625
-0.4284
-31.9804
-31.9773
-0.4995
-29.1024
1.30
-36.3211
-0.4731
-30.9829
-32.4300
-0.4460
-30.5651
-33.5190
-0.5198
-29.6264
1.40
-34.0465
-0.4786
-29.9664
-29.9757
-0.4476
-28.7205
-34.2573
-0.5231
-29.5132
1.50
-31.5467
-0.4934
-28.9178
-28.1694
-0.4627
-27.4684
-32.9181
-0.5374
-28.8812
1.60
-29.3299
-0.5189
-27.8802
-26.8191
-0.4860
-26.5125
-30.9659
-0.5619
-28.0103
1.70
-26.8650
-0.5167
-26.0353
-25.2041
-0.4891
-24.9500
-27.9354
-0.5552
-26.2555
1.80
-25.2959
-0.5396
-24.6714
-24.1522
-0.5116
-23.9778
-26.0420
-0.5827
-24.7702
1.90
-23.7871
-0.5606
-23.4366
-23.0146
-0.5222
-22.9759
-24.1191
-0.6016
-23.4124
2.00
-22.2287
-0.5534
-21.7257
-21.7321
-0.5317
-21.6541
-22.3026
-0.5787
-21.5110
2.10
-21.2390
-0.5763
-20.8956
-21.0057
-0.5310
-21.0528
-21.0415
-0.6227
-20.5431
2.20
-19.8473
-0.5803
-19.6707
-19.8795
-0.5582
-19.9287
-19.4731
-0.6076
-19.2367
2.30
-19.1325
-0.6175
-18.9507
-19.4372
-0.5703
-19.3577
-18.5966
-0.6715
-18.4240
2.40
-18.1417
-0.6681
-18.2421
-18.6325
-0.6282
-18.7855
-17.5284
-0.7171
-17.6214
2.50
-17.3713
-0.6695
-17.3284
-17.9975
-0.6322
-17.9655
-16.6874
-0.7170
-16.6287
2.60
-16.8832
-0.6625
-17.1056
-17.6555
-0.6529
-17.9103
-16.1114
-0.7607
-16.2958
2.70
-16.0634
-0.7731
-16.4745
-16.7757
-0.7208
-17.3043
-15.3337
-0.8210
-15.6184
2.80
-15.8346
-0.7433
-16.1385
-16.5488
-0.7080
-17.0290
-15.0872
-0.8058
-15.3366
2.90
-15.4466
-0.7294
-16.4468
-16.0958
-0.7457
-17.2754
-14.6606
-0.9072
-15.6625
3.00
-15.0199
-0.8677
-16.1135
-15.3471
-0.8900
-17.6242
-14.5580
-0.9451
-15.5308
S-Parameters - Insertion Loss State, RF Port 1 to RF Port 3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com