Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MASWSS0093 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASWSS0093
Description  GaAs Broadband SPDT Switch DC - 6.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0093 Datasheet(HTML) 2 Page - Tyco Electronics

  MASWSS0093 Datasheet HTML 1Page - Tyco Electronics MASWSS0093 Datasheet HTML 2Page - Tyco Electronics MASWSS0093 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs Broadband SPDT Switch
DC - 6.0 GHz
MASWSS0093
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
RoHS
Compliant
Electrical Specifications4: TA = 25°C, Z0 = 50Ω, Vc = 0 V/3 V, Pin = 0 dBm
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
2.4 GHz
5.3 GHz
5.8 GHz
dB
dB
dB
0.70
0.85
0.85
1.05
1.2
1.2
Isolation
2.4 GHz
5.3 GHz
5.8 GHz
dB
dB
dB
24
23
21
29
28
26
Return Loss
DC - 6 GHz
dB
20
IP2
Two Tone, +15 dBm/Tone, 5 MHz Spacing, >50 MHz
2.4 GHz, Vc = 3.0 V
5.8 GHz, Vc = 3.0 V
2.4 GHz, Vc = 5.0 V
5.8 GHz, Vc = 5.0 V
dBm
dBm
dBm
dBm
98
81
107
87
IIP3
Two Tone, +15 dBm/Tone, 5 MHz Spacing, >50 MHz
2.4 GHz, Vc = 3.0 V
5.8 GHz, Vc = 3.0 V
2.4 GHz, Vc = 5.0 V
5.8 GHz, Vc = 5.0 V
dBm
dBm
dBm
dBm
57
53
57
54
Input P-1dB
2.4 GHz
5.3 GHz
5.8 GHz
dBm
dBm
dBm
40
36
37
T-rise, T-fall
10% to 90% RF and 90% to 10% RF
nS
55
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF
nS
80
Transients
mV
14
Control Current
|Vc| = 3 V
µA
15
25
2nd Harmonic
2.4 GHz, Pin = +20 dBm
5.8 GHz, Pin = +20 dBm
dBm
dBm
-72
-69
3rd Harmonic
2.4 GHz, Pin = +20 dBm
5.8 GHz, Pin = +20 dBm
dBm
dBm
-85
-75
Control
V1
Control
V2
RFC– RF1 RFC—RF2
1
0
On
Off
0
1
Off
On
Truth Table 4,5,6
4. For positive voltage control, external DC blocking capacitors
are required on all RF ports.
5. Differential voltage, V(state 1) - V(state 0), must be
+2.7 V minimum and must not exceed +5 V.
6. 0 = 0 ± 0.2 V, 1 = +2.9 V to +5 V.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com