Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MASWSS0102 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWSS0102
Description  SPST High Isolation CATV Switch 5 - 1000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0102 Datasheet(HTML) 1 Page - Tyco Electronics

  MASWSS0102 Datasheet HTML 1Page - Tyco Electronics MASWSS0102 Datasheet HTML 2Page - Tyco Electronics MASWSS0102 Datasheet HTML 3Page - Tyco Electronics MASWSS0102 Datasheet HTML 4Page - Tyco Electronics MASWSS0102 Datasheet HTML 5Page - Tyco Electronics MASWSS0102 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
75 Ohm
Positive Voltage Control (0 / +5 V)
Input Terminated
High Isolation 70 dB at 1000 MHz
4 mm FQFP-N 20 Lead Package
0.5 micron GaAs PHEMT Process
Description
M/A-COM’s MASWSS0102 is a GaAs PHEMT
MMIC single pole single throw (SPST) switch
in a low cost 4 mm FQFP-N 20 lead package.
The MASWSS0102 is ideally suited for
applications where low control voltage, high
isolation, small size and low cost are
required. Typical applications are to replace
mechanical relays in CATV systems. This part
can be used in all 75 ohm systems operating
up to 1.0 GHz.
The MASWSS0102 is fabricated using a 0.5
micron gate length GaAs PHEMT process.
The process features full passivation for
performance and reliability.
SPST High Isolation CATV Switch
5 - 1000 MHz
Functional Schematic
MASWSS0102
V2P
Preliminary
Ordering Information 1
Part Number
Package
MASWSS0102
FQFP-N 20 Lead Plastic Package
MASWSS0102TR
7 inch, 1000 piece reel
MASWSS0102TR-3000 13 inch, 3000 piece reel
MASWSS0102SMB
Sample Test Board (Includes 5 Samples)
Parameter
Absolute
Maximum
Max Input Power
(5 - 1000 MHz, 2.5V Control)
+32 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40 oC to +85 oC
Storage Temperature
-65 oC to +150 oC
Absolute Maximum Ratings 2
2. Exceeding any one or combination of these limits
may cause permanent damage.
Truth Table 3,4
3. 0 = +2.9 to +5V, 1 = 0 + 0.2V
4. External 0.01 uF DC blocking capacitors are
required on all RF In/Out and RF Ground ports.
V1
V2
RF1 - RF2
0
1
On
1
0
Off
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
North America: Tel. (800) 366-2266
Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1908) 574 200, Fax +44 (1908) 574 300
1
GND
G1
GND
V2
V1
RF1
GND
GT1
GND GND GND GND
GND
GND
GND
RF2
GND
GND
V1
G2
GND
G1
GND
V2
V1
RF1
GND
GT1
GND GND GND GND
GND
GND
GND
RF2
GND
GND
V1
G2
1. Reference Application Note M513 for reel size information.


Similar Part No. - MASWSS0102

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0100 MACOM-MASWSS0100 Datasheet
103Kb / 3P
GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0100 MA-COM-MASWSS0100 Datasheet
65Kb / 3P
GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
logo
Tyco Electronics
MASWSS0100-DIE MACOM-MASWSS0100-DIE Datasheet
103Kb / 3P
GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0100-DIE MA-COM-MASWSS0100-DIE Datasheet
65Kb / 3P
GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
logo
Tyco Electronics
MASWSS0103 MACOM-MASWSS0103 Datasheet
248Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
More results

Similar Description - MASWSS0102

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-008177 MACOM-MASW-008177 Datasheet
117Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0067 MACOM-MASWSS0067 Datasheet
114Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0068 MACOM-MASWSS0068 Datasheet
257Kb / 5P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0069-A5 MACOM-MASWSS0069-A5 Datasheet
230Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0103 MACOM-MASWSS0103 Datasheet
248Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASW-008153 MACOM-MASW-008153 Datasheet
196Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MASW-008153 MA-COM-MASW-008153 Datasheet
159Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASW-008177 MA-COM-MASW-008177 Datasheet
98Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0067 MA-COM-MASWSS0067 Datasheet
86Kb / 4P
SPST High Isolation CATV Switch 5 - 1000 MHz
MASWSS0103 MA-COM-MASWSS0103 Datasheet
120Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com