Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SW-338 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SW-338
Description  GaAs SPDT Terminated Switch DC - 2.5 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-338 Datasheet(HTML) 2 Page - Tyco Electronics

  SW-338 Datasheet HTML 1Page - Tyco Electronics SW-338 Datasheet HTML 2Page - Tyco Electronics SW-338 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs SPDT Terminated Switch
DC - 2.5 GHz
SW-338
V6
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
2
Electrical Specifications: TA = 25°C, Vc = 0 V / -2.9 V, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ. 3
Max.
Insertion Loss
DC - 0.5 GHz
0.5 - 1.0 GHz
1.0 - 2.0 GHz
dB
dB
dB
0.55
0.60
0.65
0.7
Isolation
DC - 0.5 GHz
0.5 - 1.0 GHz
1.0 - 2.0 GHz
dB
dB
dB
36
50
43
35
VSWR On/Off
DC - 2.0 GHz
Ratio
1.1:1
Trise, Tfall
10% to 90% RF, 90% to 10 % RF
nS
10
Ton, Toff
50% Control to 90% RF, 50% Control to 10% RF
nS
20
Transients
In-Band
mV
25
1 dB Compression Point
Input Power
0.05 GHz
0.5 - 2.0 GHz
dBm
dBm
25
30
2nd Order Intercept
Measured Relative to Input Power
(for two-tone input power up to +5 dBm)
0.05 GHz
0.5 - 2.0 GHz
dBm
dBm
60
65
3rd Order Intercept
Measured Relative to Input Power
(for two-tone input power up to +5 dBm)
0.05 GHz
0.5 - 2.0 GHz
dBm
dBm
40
46
Control Current
Vc = 2.9 V
µA
15
35
3. Typical values represent performance at middle of frequency range noted.
Truth Table 4
Control Inputs
V1
V2
RFC-RF1
RFC-RF2
1
0
ON
OFF
0
1
OFF
ON
Condition of Switch
RF Common to Each RF Port
4. 0 = 0 V ± 0.2 V, 1 = -2.9 V to -5.0 V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com