Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISCD7016 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISCD7016
Description  Silicon Carbide Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCD7016 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISCD7016 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCD7016 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCD7016 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISCD7016
eq IDK04G65C5
Silicon Carbide Schottky Diode
www.iscsemi.com
1
FEATURES
·
High surge current capability
·
No reverse recovery/ No forward recovery
·
Benchmark switching behavior
APPLICATIONS
·
Solar inverter
·
Power factor correction
·
Switch mode power supply
·
Uninterruptible power supply
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRSM
Repetitive Peak Reverse Voltage
Surge Peak Reverse Voltage
650
V
IF
Continuous forward current
4
A
IFSM
Non-Repetitive Forward Surge Current
Tc=25°C,tP=10 ms, Half Sine Wave
64
38
A
Tc=150°C,
Tp=10 µs, Pulse
35
IFM
Non-repetitive peak forward current
Tc=25°C,Tp=10ms,Half Sine Pulse
215
A
i²t
i²t value
TC = 25°C, tp = 10 ms
7.3
A2s
TC = 150°C, tp = 10 ms
6.1
A2s
Ptot
Power Dissipation
Tc=25°C
48
W
dv/dt
Diode dv/dt ruggedness
VR = 0..480 V
100
V/ns
TJ
Junction Temperature
-55~175
℃
Tstg
Storage Temperature Range
-55~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
3.1
℃
/W


Similar Part No. - ISCD7016

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCD7010 ISC-ISCD7010 Datasheet
268Kb / 2P
SiC Diode
ISCD7011 ISC-ISCD7011 Datasheet
270Kb / 2P
SiC Diode
ISCD7014 ISC-ISCD7014 Datasheet
311Kb / 3P
Silicon Carbide Schottky Diode
ISCD7015 ISC-ISCD7015 Datasheet
307Kb / 3P
Silicon Carbide Schottky Diode
ISCD7018 ISC-ISCD7018 Datasheet
250Kb / 3P
Silicon Carbide Schottky Diode
More results

Similar Description - ISCD7016

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
Silicon Carbide Schottky Diode
2004-02-11
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
Silicon Carbide Schottky Diode
2001-09-07
SDT05S60 INFINEON-SDT05S60 Datasheet
353Kb / 8P
Silicon Carbide Schottky Diode
Rev. 2.1 2005-02-17
SDP06S60 INFINEON-SDP06S60_08 Datasheet
644Kb / 9P
Silicon Carbide Schottky Diode
Rev. 2.4 2008-06-02
logo
Cree, Inc
C3D08065A CREE-C3D08065A Datasheet
544Kb / 6P
Silicon Carbide Schottky Diode
C4D08120E CREE-C4D08120E Datasheet
643Kb / 6P
Silicon Carbide Schottky Diode
C3D08065I CREE-C3D08065I Datasheet
509Kb / 6P
Silicon Carbide Schottky Diode
C3D03065E CREE-C3D03065E Datasheet
941Kb / 6P
Silicon Carbide Schottky Diode
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com