Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

33793 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33793
Description  Distributed System Interface (DSI) Sensor Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33793 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33793 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Document Number: MC33793
Rev 13.0, 11/2006
Freescale Semiconductor
Technical Data
Freescale Semiconductor, Inc. reserves the right to change the detail specifications, as
may be required, to permit improvements in the design of its products.
© Freescale Semiconductor, Inc., 2006. All rights reserved.
Distributed System Interface
(DSI) Sensor Interface
The 33793 is a slave Distributed System Interface (DSI) device
that is optimized as a sensor interface. The device contains circuits
to power sensors such as accelerometers and to digitize the analog
level from the sensor. The device is controlled by commands over the
DSI bus and returns measured data over the bus.
Features
• Conforms to DSI Specification Version 1
• 4-Channel, 8-Bit Analog-to-Digital Converter (ADC)
• 4 Pins Configurable as Analog or Logic Inputs or as Logic
Outputs
• Provides Regulated +5.0 V Output for Sensor Power from Bus
• Additional High-Drive Logic Output
• Undervoltage Fault Detection and Signaling
• On-Board Clock (No External Elements Required)
• Field-Programmable Address
• Default and Field-Programmable as a DSI Daisy Chain Device
• Recognizes Reverse Initialization for Open Bus Fault Tolerance
• Detects Short to Battery on Bus Switch and Prevents Its Closure
• Pb-Free Packaging Designated by Suffix Code EF
Figure 1. 33793 Simplified Application Diagram
33793/A
ORDERING INFORMATION
Device
Temperature
Range (TJ)
Package
MC33793D/R2
-40°C to 150°C
16 SOICN
MCZ33793EF/R2
MCZ33793AEF/R2
SCALE 2:1
DISTRIBUTED SYSTEM INTERFACE
D SUFFIX
EF SUFFIX (Pb-FREE)
98ASB42566B
16-PIN SOICN
BusIN
33793
DSIO
33790
GND
Error
Test
X
Y
VCC
GND
X-Y
Accelerometer
BUSIN
I/O0
I/O1
I/O2
H_Cap
REGOUT
AGND
LOGOUT
BUSRTN
BUSOUT
I/O3
33793
Multiple
DSI Slaves


Similar Part No. - 33793

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
33793 MOTOROLA-33793 Datasheet
640Kb / 24P
Distributed System Interface (DSI) Sensor Interface
logo
Freescale Semiconductor...
33793 FREESCALE-33793 Datasheet
882Kb / 27P
Distributed System Interface
logo
3M Electronics
33793-1002RB 3M-33793-1002RB Datasheet
899Kb / 4P
3MTM THREE-WALL HEADER, 3000 SERIES .100" X .100" LATCH/EJECTOR, STRAIGHT AND RIGHT ANGLE
AUG 05,2014 REV.G
33793-1002UB 3M-33793-1002UB Datasheet
899Kb / 4P
3MTM THREE-WALL HEADER, 3000 SERIES .100" X .100" LATCH/EJECTOR, STRAIGHT AND RIGHT ANGLE
AUG 05,2014 REV.G
33793-1003RB 3M-33793-1003RB Datasheet
899Kb / 4P
3MTM THREE-WALL HEADER, 3000 SERIES .100" X .100" LATCH/EJECTOR, STRAIGHT AND RIGHT ANGLE
AUG 05,2014 REV.G
More results

Similar Description - 33793

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS9901 TI-TMS9901 Datasheet
555Kb / 13P
programmable system interface
logo
Motorola, Inc
MC33790 MOTOROLA-MC33790 Datasheet
233Kb / 12P
Two-Channel Distributed System Interface (DSI) Physical Interface Device
MC33793 MOTOROLA-MC33793 Datasheet
640Kb / 24P
Distributed System Interface (DSI) Sensor Interface
logo
Freescale Semiconductor...
33790 FREESCALE-33790 Datasheet
244Kb / 12P
Two-Channel Distributed System Interface (DSI) Physical Interface Device
AN1816 FREESCALE-AN1816 Datasheet
2Mb / 24P
USING THE HC912B32 TO IMPLEMENT THE DISTRIBUTED SYSTEMS INTERFACE (DSI) PROTOCOL
33784 FREESCALE-33784 Datasheet
1Mb / 30P
DSI 2.02 Sensor Interface
33790 FREESCALE-33790_08 Datasheet
429Kb / 12P
Two-Channel Distributed System Interface (DSI) Physical Interface Device
33784 FREESCALE-33784_09 Datasheet
601Kb / 30P
DSI 2.02 Sensor Interface
33793 FREESCALE-33793_10 Datasheet
882Kb / 27P
Distributed System Interface
logo
NXP Semiconductors
MC33793 NXP-MC33793 Datasheet
1Mb / 27P
Distributed System Interface (DSI) Sensor Interface
Rev 15.0, 2/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com