Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2N7002DW Datasheet(PDF) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # 2N7002DW
Description  N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

2N7002DW Datasheet(HTML) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

  2N7002DW Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED 2N7002DW Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED 2N7002DW Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED 2N7002DW Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
wB
M
bp
D
e1
pin 1
e
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
0
1
2 mm
scale
c
X
13
2
4
5
6
cD
Qy
A1
max
UNIT
w
v
mm
0.1
bp
0.30
0.20
2.2
e
e1
E
1.35
0.25
1.8
0.10
1.15
0.65
1.3
HE
2.2
2.0
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
Lp
0.45
0.15
A
1.1
0.25
0.15
0.8
■ SOT-363
4
Rev:2022A2
2N7002DW
N-Channel MOSFET



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com