Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAS32L Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BAS32L
Description  High-speed switching diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS32L Datasheet(HTML) 5 Page - NXP Semiconductors

  BAS32L_05 Datasheet HTML 1Page - NXP Semiconductors BAS32L_05 Datasheet HTML 2Page - NXP Semiconductors BAS32L_05 Datasheet HTML 3Page - NXP Semiconductors BAS32L_05 Datasheet HTML 4Page - NXP Semiconductors BAS32L_05 Datasheet HTML 5Page - NXP Semiconductors BAS32L_05 Datasheet HTML 6Page - NXP Semiconductors BAS32L_05 Datasheet HTML 7Page - NXP Semiconductors BAS32L_05 Datasheet HTML 8Page - NXP Semiconductors BAS32L_05 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
9397 750 14605
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 04 — 22 March 2005
5 of 11
Philips Semiconductors
BAS32L
High-speed switching diode
Tj = 25 °C; f = 1 MHz
Fig 5.
Diode capacitance as a function of reverse voltage; typical values
010
20
1.2
1.0
0.6
0.4
0.8
mgd004
VR (V)
Cd
(pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com