Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XRT86VL38 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT86VL38
Description  OCTAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL38 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT86VL38_2 Datasheet HTML 17Page - Exar Corporation XRT86VL38_2 Datasheet HTML 18Page - Exar Corporation XRT86VL38_2 Datasheet HTML 19Page - Exar Corporation XRT86VL38_2 Datasheet HTML 20Page - Exar Corporation XRT86VL38_2 Datasheet HTML 21Page - Exar Corporation XRT86VL38_2 Datasheet HTML 22Page - Exar Corporation XRT86VL38_2 Datasheet HTML 23Page - Exar Corporation XRT86VL38_2 Datasheet HTML 24Page - Exar Corporation XRT86VL38_2 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 160 page
background image
XRT86VL38
16
REV. V1.2.0
OCTAL T1/E1/J1 FRAMER/LIU COMBO - T1 REGISTER DESCRIPTION
TABLE 5: GENERAL PURPOSE INPUT/OUTPUT 1 CONTROL REGISTER(GPIOCR1)
HEX ADDRESS: 0X4102
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7-4
GPIO1_3DIR
GPIO1_2DIR
GPIO1_1DIR
GPIO1_0DIR
R/W
0000
GPIO1_3/GPIO1_2/GPIO1_1/GPIO1_0 Direction
These bits permit the user to define the General Purpose I/O Pins,
GPIO1_3/GPIO1_2/GPIO1_1/GPIO1_0 as either Input pins or Output
pins, as described below.
0 – Configures GPIO1_3/GPIO1_2/GPIO1_1/GPIO1_0 to function as
input pins.
1 – Configures GPIO1_3/GPIO1_2/GPIO1_1/GPIO1_0 to function as
output pins.
1. If GPIO1_3/GPIO1_2/GPIO1_1/GPIO1_0 are configured to
function as input pins, then the user can monitor the state of
these input pins by reading out the state of Bit 3-0 (GPIO1_3/
GPIO1_2/GPIO1_1/GPIO1_0) within this register.
2. If GPIO1_3/GPIO1_2/GPIO1_1/GPIO1_0 are configured to
function as output pins, then the user can control the state of
these output pins by writing the appropriate value into Bit 3-0
(GPIO1_3/GPIO1_2/GPIO1_1/GPIO1_0) within this register.
3-0
GPIO1_3
GPIO1_2
GPIO1_1
GPIO1_0
R/W
0000
GPIO1_3/GPIO1_2/GPIO1_1/GPIO1_0 Control
The exact function of this bit depends upon whether General Purpose I/
O Pins, GPIO1_3/GPIO1_2/GPIO1_1/GPIO1_0 have been configured
to function as input or output pins, as described below.
If GPIO1_3/GPIO1_2/GPIO1_1/GPIO1_0 are configured to function
as input pins:
If GPIO1_3/GPIO1_2/GPIO1_1/GPIO1_0 are configured to function as
input pins, then the user can monitor the state of the corresponding
input pin by reading out the state of these bits.
NOTE:
If GPIO1_3/GPIO1_2/GPIO1_1/GPIO1_0 are configured to
function as input pins, then writing to this particular register will
have no effect on the state of this pin.
If GPIO1_3/GPIO1_2/GPIO1_1/GPIO1_0 are configured to function
as output pins:
If GPIO1_3/GPIO1_2/GPIO1_1/GPIO1_0 are configured to function as
output pins, then the user can control the state of the corresponding
output pin by writing the appropriate value to these bits.
NOTE:
GPIO1_3/GPIO1_2/GPIO1_1/GPIO1_0 can be configured to
function as input or output pins, by writing the appropriate
value to Bit 7-4 (GPIO1_3DIR/GPIO1_2DIR/GPIO1_1DIR/
GPIO1_0DIR) within this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com