Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP7722 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP7722
Description  2 x 20W Class D Stereo Single Ended Audio Amplifer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7722 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP7722 Datasheet HTML 1Page - Monolithic Power Systems MP7722 Datasheet HTML 2Page - Monolithic Power Systems MP7722 Datasheet HTML 3Page - Monolithic Power Systems MP7722 Datasheet HTML 4Page - Monolithic Power Systems MP7722 Datasheet HTML 5Page - Monolithic Power Systems MP7722 Datasheet HTML 6Page - Monolithic Power Systems MP7722 Datasheet HTML 7Page - Monolithic Power Systems MP7722 Datasheet HTML 8Page - Monolithic Power Systems MP7722 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP7722 – 2 x 20W CLASS D STEREO SINGLE ENDED AUDIO AMPLIFIER
MP7722 Rev. 1.3
www.MonolithicPower.com
4
9/25/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
Pin #
Name
Description
17
BS1
High-Side MOSFET Bootstrap Input for Amplifier 1. A capacitor from BS1 to SW1 supplies
the gate drive current to the internal high-side MOSFET. Connect a 1µF capacitor from
SW1 to BS1. See Figure 1.
18
VDD1
Power Supply Input. Bypass VDD1 to PGND1 with a 1µF X7R capacitor (in addition to the
main bulk capacitor), placed close to the IC PIN18 and PIN20.
19
SW1
Switched Power Output. SW1 is the output of Amplifier 1. Connect the LC filter to this pin.
See Figure 1.
20
PGND1 Power Ground for Amplifier 1. Connect PGND1 to PGND2. See Figure 1.
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
100
10
1
0.1
0.01
20
100
1K
10K
FREQUENCY (Hz)
POUT (W)
20
10
1
0.1
0.01
0.1
1
10
f=10KHz
f=100Hz
f=1KHz
POUT (W)
20
10
1
0.1
0.01
0.1
1
10
f=10KHz
f=100Hz
f=1KHz
100
10
1
0.1
0.01
20
100
1K
10K



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com