Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SA910 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA910
Description  Variable gain RF predriver amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA910 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA910 Datasheet HTML 1Page - NXP Semiconductors SA910 Datasheet HTML 2Page - NXP Semiconductors SA910 Datasheet HTML 3Page - NXP Semiconductors SA910 Datasheet HTML 4Page - NXP Semiconductors SA910 Datasheet HTML 5Page - NXP Semiconductors SA910 Datasheet HTML 6Page - NXP Semiconductors SA910 Datasheet HTML 7Page - NXP Semiconductors SA910 Datasheet HTML 8Page - NXP Semiconductors SA910 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Philips Semiconductors
Product specification
SA910
Variable gain RF predriver amplifier
2
1997 Aug 12
853–2021 18269
DESCRIPTION
The SA910 is a variable gain predriver amplifier designed for
handheld analog cellular telephones. When used with a UHF power
transistor, it forms a cost-effective, low-profile, surface mount power
amplifier solution (1.2W maximum PAE
> 50%). The SA910
integrates power detection and control circuitry that is stabilized over
temperature and voltage. In power down mode, the SA910 draws
less than 10
µA of current. The SA910 is fabricated using Philips
QUBiC BiCMOS process.
FEATURES
MMIC BiCMOS predriver amplifier
Low voltage 2.7 to 5.5V single supply operation
820 to 905MHz bandwidth
High power gain >20dB
High power output >23dBm (typical) @ 3V
Efficiency = 35% (typical)
Wide gain control range: >32dB
Few external components required
Integrated power detector and comparison gain control circuitry
50Ω input, open-collector output
SSOP-20 package
Integrated regulator with offset adjustment for biasing an external
output stage
PIN CONFIGURATION
VCC1
VREF
RFIN
GND
BIASOUT
GND
GND
GND
OUTLPF
PWRUP
OFFSET
GND
GND
GND
VC
GND
SR01067
1
2
3
4
5
6
7
8
9
10
11
12
13
14
20
19
18
17
16
15
VCC BIAS
RFOUT2
RFOUT1
PSENSE
APPLICATIONS
900MHz analog cellular
Handheld transmitting equipment in the 820 to 905MHz frequency
range
Cordless phone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com