Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B3872 Datasheet(PDF) 2 Page - EPCOS

Part # B3872
Description  SAW Components Vestigial Sideband Filter 38,90 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3872 Datasheet(HTML) 2 Page - EPCOS

  B3872 Datasheet HTML 1Page - EPCOS B3872 Datasheet HTML 2Page - EPCOS B3872 Datasheet HTML 3Page - EPCOS B3872 Datasheet HTML 4Page - EPCOS B3872 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Nov 12, 2002
SAW Components
B3872
38,90 MHz
Vestigial Sideband Filter
Preliminary Data Sheet
Ceramic package DCC18
Standard
q
B/G
Features
q
Vestigial sideband filter with sound
q
Constant group delay
q
Hermetically sealed ceramic package
Terminals
q
Gold plated
Dimensions in mm, approx. weight 0,8 g
Pin configuration
1
Input
10
Input – ground
6
Output
5
Output – ground
2, 4, 7, 9
Case – ground
3, 8
Must be grounded
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B3872
B39390-B3872-U210
C61157-A7-A054
F61074-V8166-Z000
Maximum ratings
Operable temperature range
T
– 20/+ 85
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
0V
Source power
Ps
15
dBm
source impedance 50
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com