Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B3876 Datasheet(PDF) 4 Page - EPCOS

Part # B3876
Description  SAW Components Low-Loss Filter 174,20 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3876 Datasheet(HTML) 4 Page - EPCOS

  B3876 Datasheet HTML 1Page - EPCOS B3876 Datasheet HTML 2Page - EPCOS B3876 Datasheet HTML 3Page - EPCOS B3876 Datasheet HTML 4Page - EPCOS B3876 Datasheet HTML 5Page - EPCOS B3876 Datasheet HTML 6Page - EPCOS B3876 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Jan 27, 2003
SAW Components
B3876
174,20 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature:
T = -10 .. +85 ˚C
Terminating source impedance:
ZS= 200 Ω and matching network
Terminating load impedance:
ZL= 50 Ω
min.
typ.
max.
Nominal frequency
fN
174,2
MHz
Insertion attenuation
@
fN
α
N
1,5
2,5
dB
Pass bandwidth
B0,3dB
α
rel ≤ 0,3 dB
0,2
1,9
MHz
Relative attenuation (relative to
α
N)
α
rel
23,00 MHz
...
149,00 MHz
60
70
dB
149,00 MHz
...
160,00 MHz
40
55
dB
160,00 MHz
...
168,00 MHz
20
40
dB
168,00 MHz
...
169,50 MHz
10
20
dB
178,50 MHz
...
184,00 MHz
10
18
dB
184,00 MHz
...
195,00 MHz
20
45
dB
195,00 MHz
...
199,00 MHz
40
55
dB
199,00 MHz
...
232,00 MHz
45
55
dB
232,00 MHz
...
252,00 MHz
35
40
dB
252,00 MHz
...
326,00 MHz
45
60
dB
326,00 MHz
...
500,00 MHz
40
65
dB
Temperature coefficient of frequency
TCf
– 27
ppm/K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com