Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B4142 Datasheet(PDF) 2 Page - EPCOS

Part # B4142
Description  SAW Components Low-Loss Filter for Mobile Communication 1842,50 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4142 Datasheet(HTML) 2 Page - EPCOS

  B4142 Datasheet HTML 1Page - EPCOS B4142 Datasheet HTML 2Page - EPCOS B4142 Datasheet HTML 3Page - EPCOS B4142 Datasheet HTML 4Page - EPCOS B4142 Datasheet HTML 5Page - EPCOS B4142 Datasheet HTML 6Page - EPCOS B4142 Datasheet HTML 7Page - EPCOS B4142 Datasheet HTML 8Page - EPCOS B4142 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Jun 09, 2005
SAW Components
B4142
1842,50 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Ceramic Package DCC6C
Features
q
Low-loss RF filter for mobile telephone PCN sys-
tem, receive path
q
High selectivity
q
Usable passband: 75 MHz
q
No matching network required for operation
at 50
Ω
q
Ceramic Package for Surface Mounted
Technology (SMT)
q
RoHS compliant
Terminals
q
Ni, gold-plated
Dimensions in mm, approx. weight 37mg
Pin configuration
2
Input
3
Input - ground
5
Output
6
Output - ground
1, 4
To be grounded
Electrostatic Sensitive Device (ESD)
*-acc. to JESD22-A115A (Machine Model), 10 negative & 10 positive pulses
Type
Ordering code
Marking and Package
according to
Packing
according to
B4142
B39182-B4142-U410
C61157-A7-A67
F61074-V8168-Z000
Maximum ratings
Operable temperature range
T
– 40 / + 85
˚C
Storage temperature range
Tstg
– 40 / + 85
˚C
DC voltage
VDC
0V
ESD voltage
V*ESD
50*
V
Machine Model, 10 pulses
Input Power at
GSM850, GSM900
GSM1800, GSM1900
Tx bands
PIN
15
dBm
effective power in the on-state,
duty cycle 4:8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com