Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B7633 Datasheet(PDF) 2 Page - EPCOS

Part # B7633
Description  SAW Components BAW duplexer 1880.00 / 1960.00 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7633 Datasheet(HTML) 2 Page - EPCOS

  B7633 Datasheet HTML 1Page - EPCOS B7633 Datasheet HTML 2Page - EPCOS B7633 Datasheet HTML 3Page - EPCOS B7633 Datasheet HTML 4Page - EPCOS B7633 Datasheet HTML 5Page - EPCOS B7633 Datasheet HTML 6Page - EPCOS B7633 Datasheet HTML 7Page - EPCOS B7633 Datasheet HTML 8Page - EPCOS B7633 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
August 17, 2006
B7633
1880.00 / 1960.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
BAW duplexer
Data Sheet
Application
s
Low-loss RF duplexer for mobile telephone
IS-95 CDMA systems
Features
s
Package size 5.0 x 5.0 x 1.35 mm3
s
Package code QCS12E
s
RoHS compatible
s
Approximate weight 0.08 g
s
Package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
s
Ni-UBM
s
Matching network required at TX-port
bottom view
side view
top view
2,54
0,6
5,0
1,6
1
2
3
98
7
Pin configuration
s
11
TX input, single ended
s
5
RX output, single ended
s
8
Antenna
s
1, 2, 3, 4, 6
Ground
s
7, 9, 10, 12, 13
Ground
3p9
4n7
11
1,2,3,4,6
8
5
7,9,10,12,13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com