Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B7713 Datasheet(PDF) 2 Page - EPCOS

Part # B7713
Description  SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7713 Datasheet(HTML) 2 Page - EPCOS

  B7713 Datasheet HTML 1Page - EPCOS B7713 Datasheet HTML 2Page - EPCOS B7713 Datasheet HTML 3Page - EPCOS B7713 Datasheet HTML 4Page - EPCOS B7713 Datasheet HTML 5Page - EPCOS B7713 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Jan 24, 2005
SAW Components
B7713
836,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Chip Size SAW Package DCS4H
0,7
2,5
12
4
3
0,1
side view
top view
bottom view
Features
s
Low-loss RF filter for mobile telephone
AMPS systems, transmit path
s
High Rx rejection
s
Usable passband 25 MHz
s
Package for Surface Mounted
Technology (SMT)
s
Pb-Free
Terminals
s
Gold-plated Ni
Dimensions in mm, approx. weight 0,015 g
Pin configuration
1
Input
3
Output
2, 4
Ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B7713
B39841-B7713-K710
C61157-A7-A136
F61074-V8189-Z000
Maximum ratings
Operating temperature range
T
– 20/+ 70
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
5V
ESD voltage
V*ESD
100*
V
Machine Model, 10 pulses
Input Power max.
PIN
15
dBm
source impedance 50
Ω
1
2
3
4
* - acc. to JESD22-A115A (Machine Model), 10 negative & 10 positive pulses



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com