Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP204 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP204
Description  5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP204 Datasheet(HTML) 1 Page - Sipex Corporation

  SP204 Datasheet HTML 1Page - Sipex Corporation SP204 Datasheet HTML 2Page - Sipex Corporation SP204 Datasheet HTML 3Page - Sipex Corporation SP204 Datasheet HTML 4Page - Sipex Corporation SP204 Datasheet HTML 5Page - Sipex Corporation SP204 Datasheet HTML 6Page - Sipex Corporation SP204 Datasheet HTML 7Page - Sipex Corporation SP204 Datasheet HTML 8Page - Sipex Corporation SP204 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Date:05/26/2005
+5V High-Speed RS232 Transceivers
© Copyright 2005 Sipex Corporation
SP200/204/206/207/208/211/213
+5V High–Speed RS-232 Transceivers with 0.1µF Capacitors
®
FEATURES
■ 0.1µF External Charge Pump Capacitors
■ 120kbps Data Rate
■ Standard SOIC and SSOP Packages
■ Multiple Drivers and Receivers
■ Single 5V Supply Operation
■ 1µA Shutdown Mode
■ WakeUp Feature in Shutdown Mode
■ Tri–State Receiver Outputs
■ Meets All RS-232 and V.28 Specifications
■ Improved Driver Output Capacity for Mouse
Applications
■ ±10kV ESD Protection*
Number of RS-232
No. of Receivers
No. of External
Model
Drivers
Receivers
Active in Shutdown 0.1
µF Capacitors
Shutdown WakeUp TTL Tri–State
SP200
50
0
4
Yes
No
No
SP204
40
0
4
No
No
No
SP206
43
0
4
Yes
No
Yes
SP206B
43
3
4
Yes
Yes
Yes
SP207
53
0
4
No
No
No
SP207B
53
3
4
Yes
Yes
Yes
SP208
44
0
4
No
No
No
SP211
45
0
4
Yes
No
Yes
SP211B
45
5
4
Yes
Yes
Yes
SP213
45
2
4
Yes
Yes
Yes
Table 1. Model Selection Table
*All driver outputs and receiver inputs characterized per MIL-STD-883C Method 3015.7
Note: See page 4 & 5 for other pinouts.
The SP200 Series are multi–channel RS-232 line transceivers in a variety of configurations to
fit most communication needs. All models in this Series feature low–power CMOS construction
and Sipex patented (5,306,954) on-board charge pump circuitry to generate the ±10V RS-232
voltage levels, using 0.1µF charge pump capacitors to save board space and reduce circuit cost.
The SP200, SP206, SP207B, SP211 and SP213 models feature a low–power shutdown mode,
which reduces power supply drain to 1µA. A WakeUp function keeps the receivers active in the
shutdown mode.
Now Available in Lead Free Packaging
DESCRIPTION
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
T3OUT
T1OUT
T2OUT
T2IN
T1IN
GND
VCC
C1+
V+
C1–
T4OUT
T5IN
NC
SD
T5OUT
T4IN
T3IN
V–
C2–
C2+


Similar Part No. - SP204

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SP204 POLYFET-SP204 Datasheet
34Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Sipex Corporation
SP204 SIPEX-SP204 Datasheet
213Kb / 15P
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
logo
Dc Components
SP2040 DCCOM-SP2040 Datasheet
72Kb / 2P
RECTIFIER SPECIALISTS
logo
SIPAT Co,Ltd
SP20401 SIPAT-SP20401 Datasheet
64Kb / 3P
SAW Filter Electrical Characteristic
SP20401 SIPAT-SP20401 Datasheet
69Kb / 3P
SAW Filter Electrical Characteristic
More results

Similar Description - SP204

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
5V High-Speed RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX200 MAXIM-MAX200 Datasheet
580Kb / 20P
5V RS-232 Transceivers with 0.1uF External Capacitors
19-0065; Rev 5; 12/96
logo
Sipex Corporation
SP200 SIPEX-SP200 Datasheet
213Kb / 15P
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
5V High-Speed RS-232 Transceivers
logo
Maxim Integrated Produc...
MAX204EWE MAXIM-MAX204EWE Datasheet
1Mb / 23P
5V, RS-232 Transceivers with 0.1μF External Capacitors
Rev 7; 12/05
MAX205CPG-G36 MAXIM-MAX205CPG-G36 Datasheet
1Mb / 23P
5V, RS-232 Transceivers with 0.1muF External Capacitors
Rev 7; 12/05
MAX200 MAXIM-MAX200_15 Datasheet
1Mb / 23P
5V, RS-232 Transceivers with 0.1μF External Capacitors
Rev 8; 1/15
logo
Exar Corporation
SP206 EXAR-SP206 Datasheet
1Mb / 14P
5V RS-232 Serial Transceivers
SP208ECA-L-TR EXAR-SP208ECA-L-TR Datasheet
1Mb / 15P
5V RS-232 Serial Transceivers
SP211CA-L-TR EXAR-SP211CA-L-TR Datasheet
1Mb / 15P
5V RS-232 Serial Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com