Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP526 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP526
Description  WAN Multi-Mode Serial Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP526 Datasheet(HTML) 4 Page - Sipex Corporation

  SP526 Datasheet HTML 1Page - Sipex Corporation SP526 Datasheet HTML 2Page - Sipex Corporation SP526 Datasheet HTML 3Page - Sipex Corporation SP526 Datasheet HTML 4Page - Sipex Corporation SP526 Datasheet HTML 5Page - Sipex Corporation SP526 Datasheet HTML 6Page - Sipex Corporation SP526 Datasheet HTML 7Page - Sipex Corporation SP526 Datasheet HTML 8Page - Sipex Corporation SP526 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
Rev: C Date:2/1/06
SP526 Multi–Mode Serial Transceiver
© Copyright 2006 Sipex Corporation
-
T
A = +25°C and VCC = +4.75V to +5.25V unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
V.11 RECEIVER (continued)
DC Parameters (cont.)
Input Current
–3.25
+3.25
mA
per Figure 18 and 20
Input Impedance
4
kΩ
AC Parameters
V
CC = +5V for AC parameters
Propagation Delay
Using R
L = 100Ω and CL = 50pF;
t
PHL
80
110
160
ns
per Figure 21 and 26
t
PLH
80
110
160
ns
per Figure 21 and 26
Differential Skew
20
ns
per Figure 21, t
SKEW = | tPLH - tPHL |
Max. Transmission Rate
10
Mbps
POWER REQUIREMENTS
V
CC
4.75
5.00
5.25
Volts
I
CC
All I
CC values are with VCC = +5V
(V.28/RS-232)
35
45
mA
f
IN = 120kbps; Drivers active & loaded.
(V.11/RS-422)
130
150
mA
f
IN = 2.1Mbps; Drivers active & loaded.
(EIA-530/RS-449)
105
130
mA
f
IN = 1.0Mbps; Drivers active & loaded.
(Shutdown)
4
µA
D0 = D1 = 0V, refer to
Table 1
ENVIRONMENTAL AND MECHANICAL
Operating Temperature Range
0
+70
°C
Storage Temperature Range
–65
+150
°C
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com